전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-7600D 데이터시트(PDF) 4 Page - Sanken electric

부품명 SI-7600D
상세설명  3-Phase Stepper Motor Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7600D 데이터시트(HTML) 4 Page - Sanken electric

  SI-7600D Datasheet HTML 1Page - Sanken electric SI-7600D Datasheet HTML 2Page - Sanken electric SI-7600D Datasheet HTML 3Page - Sanken electric SI-7600D Datasheet HTML 4Page - Sanken electric SI-7600D Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
101
SI-7600/SI-7600D
3-Phase Stepper Motor Driver ICs (Star Connection/Delta Connection)
SI-7600/SI-7600D
Ton
Toff
ITrip
IOUT
1.5V
VRC
0.5V
Fast
Decay
VPFD
Slow Decay
15
5
10
0
25
050
75
Ambient temperature Ta (
°C)
(W)
100
125
150
Without
heatsink
6. Method of Calculating Power Loss of Output
MOS FET
The SI-7600 uses a MOS-FET array for output. The power loss
of this MOS FET array can be calculated as summarized below.
This is an approximate value that does not reflect parameter
variations or other factors during use in the actual application.
Therefore, heat from the MOS FET array should actually be
measured.
q Parameters for calculating power loss
To calculate the power loss of the MOS FET array, the following
parameters are needed:
(1) Control current Io (max)
(2) Excitation method
(3) Chopping ON-OFF time at current control: TON, TOFF, tOFFf
(TON: ON time, TOFF: OFF time, tOFFf: Fast Decay time at OFF)
(4) ON resistance of MOS FET: RDS (ON)
(5) Forward voltage of MOS FET body diode: VSD
For (4) and (5), use the maximum values of the MOS FET speci-
fications.
(3) should be confirmed on the actual application.
q Power loss of Pch MOS FETs
The power loss of Pch MOS FETs is caused by the ON resis-
tance and by the chopping-OFF regenerative current flowing
through the body diodes in Fast Decay mode.
(In Slow Decay mode, the chopping-OFF regenerative current
does not flow the body diodes.)
The losses are
ON resistance loss P1: P1=IM2
×RDS (ON)
Body diode loss P2: P2=IM
×VSD
With these parameters, the loss Pp per MOS FET is calculated
depending on the actual excitation method as follows:
a) 2-phase excitation (T=TON +TOFF)
PP= (P1
×TON/T+P2×tOFFf/T)× (1/3)
b) 2-3 phase excitation (T=TON +TOFF)
PP= (P1
×TON/T+P2×tOFFf/T)×(1/4)+(0.5×P1×TON/T+P2×tOFFf/
T)
×(1/12)
q Power loss of Nch MOS FETs
The power loss of Nch MOS FETs is caused by the ON resis-
tance or by the chopping-OFF regenerative current flowing
through the body diodes.
(This loss is not related to the current control method, Slow,
Mixed, or Fast Decay.)
The losses are
ON resistance loss N1: N1=IM2
×RDS(ON)
Body diode loss N2: N2=IM
×VSD
With these parameters, the loss PN per MOS FET is calculated
depending on the actual excitation method as follows:
a) 2-phase excitation (T=TON+TOFF)
PN=(N1+N2
×TOFF/T)× (1/3)
b) 2-3 phase excitation (T=TON+TOFF)
PN=(N1+N2
×TOFF/T)×(1/4)+(0.5N1+N2×TOFF/T)×(1/12)
qDetermining power loss and heatsink when SLA5017 is
used
If the SLA5017 is used in an output section, the power losses of
a Pch MOS FET and an Nch MOS FET should be multiplied by
three and added to determine the total loss P of SLA5017.
In other words, P=3
×PP+3×PN
The allowable losses of SLA5017 are
Without heatsink: 5W
θj-a=25°C/W
Infinite heatsink: 35W
θj-c=3.57°C/W
Select a heatsink by considering the calculated losses, allow-
able losses, and following ratings:
When selecting a heatsink for SLA5017, be sure to check the
product temperature when in use in an actual applicaiton.
The calculated loss is an approximate value and therefore con-
tains a degree of error.
Select a heatsink so that the surface Al fin temperature of
SLA5017 will not exceed 100
°C under the worst conditions.
Relationship between RC terminal voltage and output current


유사한 부품 번호 - SI-7600D

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SI-70002 BEL-SI-70002 Datasheet
300Kb / 4P
   SI-70002
SI-70003 BEL-SI-70003 Datasheet
252Kb / 4P
   SI-70003
SI-70004 BEL-SI-70004 Datasheet
323Kb / 4P
   SI-70004
SI-70004-F BEL-SI-70004-F Datasheet
334Kb / 4P
   SI-70004-F
SI-70005 BEL-SI-70005 Datasheet
324Kb / 4P
   SI-70005
More results

유사한 설명 - SI-7600D

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7502 SANKEN-SI-7502 Datasheet
57Kb / 5P
   5-Phase Stepper Motor Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTD1361F SHINDENGEN-MTD1361F Datasheet
92Kb / 4P
   Stepper Motor Driver ICs
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SPF7211 SANKEN-SPF7211 Datasheet
44Kb / 2P
   2-ph Stepper-motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com