전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA4340 데이터시트(PDF) 1 Page - Sanken electric

부품명 SLA4340
상세설명  PNP NPN Darlington H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4340 데이터시트(HTML) 1 Page - Sanken electric

  SLA4340 Datasheet HTML 1Page - Sanken electric SLA4340 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
Characteristic curves
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
SLA4340
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6–6
V
IC
4–4
A
ICP
6 (PW
≤1ms, Du≤50%)
–6 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j-c
5
°C/W
PT
W
Ratings
NPN
PNP
6
4
2
0
02
46
VCE (V)
IB=4.0mA
2.0mA
1.2mA
0.8mA
0.6mA
0.5mA
0.4mA
0.03
IC (A)
10000
1000
500
100
50
0.1
0.5
1
5 6
5000
typ
(VCE=4V)
0.03
10000
1000
500
100
0.1
0.5
1
5 6
50
5000
Ta
=125
°C
75
°C
25
°C
–30
°C
IC (A)
(VCE=4V)
6
5
4
3
2
1
0
01
23
75
°C
25
°C
VBE (V)
(VCE=4V)
–6
–4
–2
0
0–2
–4
–6
VCE (V)
–1.5mA
–1.2mA
–1.0mA
–0.9mA
–0.8mA
–1.8mA
–0.03
10000
1000
500
100
50
–0.1
–0.5
–1
–5 –6
5000
typ
IC (A)
(VCE=–4V)
–0.03
10000
1000
500
100
50
–0.1
–0.5
–1
–5 –6
5000
T
a=125
°C
–30
°C
75
°C
25
°C
IC (A)
(VCE=–4V)
–6
–5
–4
–3
–2
–1
0
0–1
–2
–3
75
°C
25
°C
VBE (V)
(VCE=–4V)
R1: 3k
Ω typ R2: 200Ω typ R3: 3kΩ typ R4: 150Ω typ
8
9
R3
R4
12
11
7
24
15
6
R1
R2
PNP + NPN Darlington
H-bridge
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA


유사한 부품 번호 - SLA4340

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SLA4342 ETC1-SLA4342 Datasheet
356Kb / 3P
   Silicon NPN Triple Diffused Planar Darlington
More results

유사한 설명 - SLA4340

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA434A SANKEN-STA434A Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com