전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA5070 데이터시트(PDF) 2 Page - Sanken electric

부품명 SLA5070
상세설명  N-channel General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5070 데이터시트(HTML) 2 Page - Sanken electric

  SLA5070 Datasheet HTML 1Page - Sanken electric SLA5070 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic curves
FET 1
FET 2
FET 1
FET 1
FET 2
FET 2
FET 1
FET 2
(Ta=25
°C)
FET 1
FET 2
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
V(BR)DSS
150
V
ID=100
µA, VGS=0V
150
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=20V, –10V
±100
nA
VGS=20V, –10V
IDSS
100
µAVDS=150V, VGS=0V
100
µAVDS=150V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
712
S
VDS=10V, ID=3.5A
4
9
S
VDS=10V, ID=3.5A
80
105
m
VGS=10V, ID=3.5A
150
200
m
VGS=10V, ID=3.5A
85
115
m
VGS=4V, ID=3.5A
170
230
m
VGS=4V, ID=3.5A
Ciss
1600
pF
VDS=10V
870
pF
VDS=10V
Coss
380
pF
f=1.0MHz
320
pF
f=1.0MHz
Crss
90
pF
VGS=0V
210
pF
VGS=0V
td (on)
35
ns
ID=3.5A
25
ns
ID=3.5A
tr
70
ns
VDD 70V
55
ns
VDD 70V
td (off)
125
ns
RL=20
80
ns
RL=20
tf
90
ns
VGS=5V
50
ns
VGS=5V
VSD
1.0
1.5
V
ISD=7A, VGS=0V
1.0
1.5
V
ISD=7A, VGS=0V
trr
320
ns
IF=
±100mA
500
ns
IF=
±100mA
RDS(ON)
SLA5070
Electrical characteristics
Re(yfs)-ID Characteristics (Typical)
Safe Operating Area (SOA)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
PT-Ta Characteristics
ID (A)
125
°C
TC
=–40
°C
25
°C
30
10
5
1
0.5
0.3
0.05
0.1
0.5
1
5
7
(VDS=10V)
VDS (V)
Ciss
Coss
Crss
5000
1000
500
100
50
010
20
30
40
50
VGS=0V
f=1MHz
VSD (V)
10V
4V
VGS=0V
7
6
5
4
3
2
1
0
0
0.5
1.0
1.5
VDS (V)
(TC=25
°C)
ID (pulse) MAX
1-circuit operation
RDS (on) LIMITED
10ms
(1shot)
1ms
100ms
20
10
5
1
0.5
0.1
0.05
0.01
0.5
1
5
10
50
200
100
40
60
20
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
ID (A)
TC
=–40
°C
20
10
5
1
0.5
0.3
0.05
0.1
0.5
1
5
7
125
°C
25
°C
(VDS=10V)
Coss
Crss
5000
500
1000
40
50
100
010
20
30
40
50
VDS (V)
Ciss
VGS=0V
f=1MHz
VSD (V)
VGS=0V
5
4
7
6
3
2
1
0
0
0.5
1.0
1.5
VDS (V)
10ms
(1shot)
1ms
100
µ
s
20
10
5
0.5
0.1
0.05
0.01
0.5
1
5
10
50
200
100
ID (pulse) MAX
RDS (on) LIMITED
(TC=25
°C)
1-circuit operation


유사한 부품 번호 - SLA5070

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5073 SANKEN-SLA5073 Datasheet
34Kb / 1P
   N-channel 5-phase motor drive
SLA5073 SANKEN-SLA5073 Datasheet
35Kb / 1P
   N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
33Kb / 1P
   N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
34Kb / 1P
   N-channel 5-phase motor drive
logo
List of Unclassifed Man...
SLA5075 ETC-SLA5075 Datasheet
40Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
More results

유사한 설명 - SLA5070

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com