전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA6024 데이터시트(PDF) 1 Page - Sanken electric

부품명 SLA6024
상세설명  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6024 데이터시트(HTML) 1 Page - Sanken electric

  SLA6024 Datasheet HTML 1Page - Sanken electric SLA6024 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
116
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SLA6024
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6
–6V
IC
8
–8A
ICP
12 (PW
≤1ms, Du≤50%)
–12 (PW
≤1ms, Du≤50%)
A
IFEC
—–8A
IFECP
—–12
A
IB
0.5
–0.5
A
5 (Ta=25
°C)
25 (Tc=25
°C)
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
5
°C/W
PT
W
Ratings
NPN
PNP
8
7
6
5
4
3
2
1
02
3
4
5
6
1
VCE (V)
IB=5mA
1.0mA
0.7mA
0.5mA
10000
1000
100
10
0.01
0.1
1
10 12
IC (A)
(VCE=4V)
typ
10000
1000
100
10
0.01
0.1
1
1012
IC (A)
–20
°C
75
°C
25
°C
Ta
=125
°C
(VCE=4V)
8
7
6
5
4
3
2
1
0
0
0.5
1
1.5
2
2.5
3
VBE (V)
(VCE=4V)
–8
–7
–6
–5
–4
–3
–2
–1
0
–1
0
–2
–3
–4
–5
–6
VCE (V)
IB=–5mA
IB=–2mA
IB=–1mA
IB=–0.6mA
10000
1000
100
10
–0.01
–0.1
–1
–10 –12
typ
IC (A)
(VCE=–4V)
10000
1000
100
10
–0.01
–0.1
–1
–10–12
(VCE=–4V)
IC (A)
–20
°C
T
a=125
°C
75
°C
25
°C
–8
–7
–6
–5
–4
–3
–2
–1
0
0
–0.5
–1
–1.5
–2
–2.5
–3
VBE (V)
(VCE=–4V)
PNP + NPN Darlington
3-phase motor drive
2
R1 R2
4
R3
8
6
9
11
10
1
3
7
5
12
R1: 2k
Ω typ R2: 80Ω typ R3: 2kΩ typ
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA (12-pin)


유사한 부품 번호 - SLA6024

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6024 SANKEN-SLA6024 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results

유사한 설명 - SLA6024

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com