전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA8001 데이터시트(PDF) 2 Page - Sanken electric

부품명 SLA8001
상세설명  PNP NPN H-bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA8001 데이터시트(HTML) 2 Page - Sanken electric

  SLA8001 Datasheet HTML 1Page - Sanken electric SLA8001 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
91
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
θ j-a-PW Characteristics
VCE(sat)-IC Temperature Characteristics (Typical)
PT-Ta Characteristics
Safe Operating Area (SOA)
Characteristic curves
SLA8001
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
100
µAVCB=60V
–100
µAVCB=–60V
IEBO
60
mA
VEB=6V
–60
mA
VEB=–6V
VCEO
60
V
IC=25mA
–60
V
IC=–25mA
hFE
50
VCE=1V, IC=6A
50
VCE=–1V, IC=–6A
VCE(sat)
0.35
V
IC=6A, IB=0.3A
–0.35
V
IC=–6A, IB=–0.3A
VFEC
2.5
V
IFEC=10A
2.5
V
IFEC=10A
1.5
5
1.0
0.5
0
10
50
100
500 1000
5000
3A
6A
9A
IC=12A
1A
IB (mA)
(IC / IB=20)
1.0
0.5
0
0.02
0.05 0.1
0.5 1
5
1012
IC (A)
Ta=125
°C
75
°C
25
°C
–30
°C
10
5
5
1
0.5
0.2
100
50
10
3
30
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
10
5
1
0.5
0.3
110
5
50
100
500
1000
PW (mS)
40
30
20
10
0
0
–40
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
Without Heatsink
100×
100×
2
50
×50×
2mm
–1.5
–5
–1.0
–0.5
0
–10
–50 –100
–500 –1000
IC=–12A
–1A
–5000
–3A
–6A
–9A
IB (mA)
–1.0
–0.5
0
–0.02 –0.05 –0.1
–1
–5 –10–12
–0.5
IC (A)
(IC / IB=20)
Ta=125
°C
75
°C
25
°C
–30
°C
–10
–5
–5
–1
–0.5
–0.2
–100
–50
–10
–3
–30
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
Electrical characteristics


유사한 부품 번호 - SLA8001

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA8004 SANKEN-SLA8004 Datasheet
18Kb / 1P
   Power Transistor Array
More results

유사한 설명 - SLA8001

제조업체부품명데이터시트상세설명
logo
Sanken electric
STA458C SANKEN-STA458C Datasheet
31Kb / 2P
   PNPNPN H-bridge
SLA4310 SANKEN-SLA4310 Datasheet
27Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A Datasheet
27Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A Datasheet
41Kb / 2P
   PNP NPN H-bridge
STA431A SANKEN-STA431A_06 Datasheet
41Kb / 2P
   PNP NPN H-bridge
SLA4390 SANKEN-SLA4390_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
STA474A SANKEN-STA474A Datasheet
37Kb / 2P
   PNP NPN Darlington H-bridge
STA457C SANKEN-STA457C_06 Datasheet
45Kb / 2P
   PNP NPN Darlington H-bridge
SLA4390 SANKEN-SLA4390 Datasheet
30Kb / 2P
   PNP NPN Darlington H-bridge
SDH03 SANKEN-SDH03 Datasheet
29Kb / 2P
   PNP NPN Darlington H-bridge
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com