전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA5127 데이터시트(PDF) 1 Page - Sanken electric

부품명 SMA5127
상세설명  N-channel P-channel 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA5127 데이터시트(HTML) 1 Page - Sanken electric

  SMA5127 Datasheet HTML 1Page - Sanken electric SMA5127 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
142
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Characteristic curves
SMA5127
(Ta=25
°C)
Symbol
Unit
VDSS
60
–60
V
VGSS
±20
20
V
ID
4
–4A
ID(pulse)
8 (PW
≤1ms, Duty≤1%)
–8 (PW
≤1ms, Duty≤1%)
A
4 (Ta=25
°C, with all circuits operating, without heatsink)
W
28 (Tc=25
°C,with all circuits operating, with infinite heatsink)
W
θ j-a
31.25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
4.46 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
Tch
150
°C
Tstg
–40 to +150
°C
PT
Ratings
N channel
P channel
N-channel + P-channel
3-phase motor drive
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram
2
4
3
8
6
5
7
9
11
12
10
1
Pch
Nch
8
6
2
4
0
02
4
6
8
10
VDS (V)
3.5V
4.0V
4.5V
VGS=3.0V
(Ta=25
°C)
0
–10
–8
–6
VDS (V)
–2
–6
–4
–8
–2
0
–4
3.2V
3.6V
4.0V
4.5V
VGS=
2.7V
(Ta=25
°C)
0.5
0.6
0.4
0.3
0.2
0.1
0
02
16
7
5
4
38
ID (A)
(Ta=25
°C)
VG
S=4V
10V
0
0
–2
0.2
0.4
0.5
0.6
ID (A)
–4
–6
–8
0.3
0.1
(Ta=25
°C)
VGS=
4V
10V
–40
0.2
–25
50
25
0
100
125
75
150
0.4
0.3
0.6
0.5
0.8
0.7
Ta (
°C)
ID=2A
VGS=4V
VGS (V)
0
–7
–2
–1
–3
–4
–5
–6
–8
–6
0
–2
–4
(VDS=–10V)
Tc=
40
°C
25
°C
125
°C
VGS (V)
06
7
3
2
14
5
0
1
2
3
4
5
6
7
8
(VDS=10V)
25
°C
125
°C
Ta=–40
°C
–40
0.2
0
0.4
0.6
0.7
0.8
Ta (
°C)
50
100
150
–25
25
75
125
0.5
0.3
ID=–2A
VGS=–10V


유사한 부품 번호 - SMA5127

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA5127 SANKEN-SMA5127 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
More results

유사한 설명 - SMA5127

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
   N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
   N-channelP-channel 3-phase motor drive
logo
Sanken electric
SMA5104 SANKEN-SMA5104 Datasheet
31Kb / 2P
   N-channel P-channel 3-phase motor drive
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com