전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA315A 데이터시트(PDF) 1 Page - Sanken electric

부품명 STA315A
상세설명  Power Transistor Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA315A 데이터시트(HTML) 1 Page - Sanken electric

  STA315A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
2
1
3
0
0.5
1
5
s VCE (sat) — IC Temperature Characteristics
IC (A)
1
10
100
400
s VCE (sat) — IB Temperature Characteristics
0
0.25
0.5
IB (mA)
IC/IB = 100
(IC = 0.5A)
Ta = 125ºC
75ºC
25ºC
–40ºC
Ta = 125ºC
75ºC
25ºC
–40ºC
0
50
150
100
0
10
Ta (ºC)
20
Without
heatsink
With
infinite
heatsink
Symbol
Ratings
Unit
(Ta=25ºC)
(Ta=25ºC)
VCBO
35
±5
Symbol
Test Conditions
Ratings
Unit
ICBO
µA
VCB = 30V
10max
IEBO
mA
VEB = 6V
2.7max
VCEO
V
IC = 25mA
31 to 41
hFE
VCE = 4V, IC = 0.7A
400min
VCE (sat)
V
V
IC = 0.5A, IB = 5mA
IC = 1A, IB = 5mA
0.2max
0.5max
VFEC
RB
RBE
V
k
IFEC = 2A
2.5max
800
±120
2.0
±0.4
Es/b
mJ
L = 10mH, single pulse
50min
VCEO
V
V
36
±5
VEBO
V
6
IC
A
2 (pulse 3*)
3 (Ta=25ºC)
13.5 (Tc=25ºC)
IB
mA
30
PT
W
W
Tj
ºC
150
Tstg
ºC
–55 to +150
* PW 1ms, Duty
25%
12
VCC
(V)
12
RL
(
Ω)
1
IC
(A)
10
VBB1
(V)
–5
VBB2
(V)
5
IB1
(mA)
0
IB2
(mA)
1.0
ton
(
µs)
8.5
tstg
(
µs)
2.5
tf
(
µs)
Absolute Maximum Ratings
Electrical Characteristics
Typical Switching Characteristics
RB
3
2
4
5
6
7
8
1
RBE
01
4
5
26
3
s IC — VCE Characteristics (typ.)
0
2
VCE (V)
1
3
0.01
0.1
4
0.5
1
s hFE — IC Temperature Characteristics
50
100
IC (A)
3000
1000
500
0
0.5
1.0
1.5
2.0
s ton•tstg•tf — IC Characteristics (typ.)
0.1
0.5
5
1
10
Ic (A)
50
1
5
10
50
s Safe Operating Area (single pulse)
0.5
0.1
1
5
VCE (V)
(per element)
IB = 1mA
2mA
3mA
VCC = 12V
IB = 5mA
–IB = 0A
(VCE = 4V)
s PT — Ta Derating
10ms
1ms
1
10
100
1000
s j-a — t Characteristics
1
5
10
t (ms)
20
Single pulse
12m
A
8mA
5mA
Ta = 125ºC
75ºC
25ºC
–40ºC
tstg
ton
Without heatsink
natural air cooling
Power Transistor Array
STA315A
62
tf
a) Type No.
b) Lot No.
(Unit: mm)
a
b
7 •2.54=17.78±
0.25
(2.54)
20.2±
0.2
0.5±
0.15
1.0±
0.25
C1.5±
0.5
13
24
EB
C
B
56
7
8
CB
C
E
External Dimensions
STA3 (LF400A)
Equivalent Circuit Diagram


유사한 부품 번호 - STA315A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA310 STMICROELECTRONICS-STA310 Datasheet
655Kb / 90P
   62-CH. MULTISTANDARD AUDIO DECODER
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
   Multichannel digital audio processor with FFXTM
October 2013 Rev 1
STA311BTR STMICROELECTRONICS-STA311BTR Datasheet
1Mb / 102P
   Multichannel digital audio processor with FFXTM
October 2013 Rev 1
logo
Sanken electric
STA312 SANKEN-STA312 Datasheet
18Kb / 1P
   NPN General purpose
STA312A SANKEN-STA312A Datasheet
18Kb / 1P
   NPN General purpose
More results

유사한 설명 - STA315A

제조업체부품명데이터시트상세설명
logo
Sanken electric
STA463C SANKEN-STA463C Datasheet
24Kb / 1P
   Power Transistor Array
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
   Power Transistor Array
STA335A SANKEN-STA335A Datasheet
22Kb / 1P
   Power Transistor Array
STA415A SANKEN-STA415A Datasheet
25Kb / 1P
   Power Transistor Array
SLA8004 SANKEN-SLA8004 Datasheet
18Kb / 1P
   Power Transistor Array
SDC09 SANKEN-SDC09 Datasheet
16Kb / 1P
   Surface-mount Power Transistor Array
SDA04 SANKEN-SDA04 Datasheet
23Kb / 1P
   Surface-mount Power Transistor Array
SPF0001 SANKEN-SPF0001 Datasheet
43Kb / 1P
   Surface-mount Power Transistor Array
SDA03 SANKEN-SDA03 Datasheet
24Kb / 1P
   Surface-mount Power Transistor Array
logo
List of Unclassifed Man...
ULN-2086A ETC1-ULN-2086A Datasheet
68Kb / 1P
   TRANSISTOR ARRAY
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com