전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA504A 데이터시트(PDF) 1 Page - Sanken electric

부품명 STA504A
상세설명  N-channel General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA504A 데이터시트(HTML) 1 Page - Sanken electric

  STA504A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
156
Characteristic curves
STA504A
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
60
V
VGSS
±20
V
ID
±4A
ID(pulse)
±8 (PW≤100
µs, Du≤1%)
A
4 (Ta=25
°C)
W
20 (Tc=25
°C)
W
Tch
150
°C
Tstg
–40 to +150
°C
PT
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
60
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±20V
IDSS
100
µAVDS=60V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=250
µA
Re(yfs)
1.2
S
VDS=10V, ID=2A
RDS(ON)
0.33
0.45
VGS=10V, ID=2A
Ciss
120
pF
VDS=25V,
Coss
60
pF
f=1.0MHz,
Crss
14
pF
VGS=0V
VSD
1.1
1.5
V
ISD=4A, VGS=0V
trr
100
ns
ISD=
±100mA
Specification
min
typ
max
2
3
1
4
5
6
7
8
9
10
N-channel
General purpose
External dimensions D • • • STA400
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


유사한 부품 번호 - STA504A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
logo
Sanken electric
STA501A SANKEN-STA501A Datasheet
12Kb / 1P
   N-channel General purpose
More results

유사한 설명 - STA504A

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com