전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1669 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SD1669
상세설명  50V/12A Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1669 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SD1669 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1669 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1669 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


유사한 부품 번호 - 2SD1669

제조업체부품명데이터시트상세설명
logo
Savantic, Inc.
2SD1669 SAVANTIC-2SD1669 Datasheet
217Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1669 ISC-2SD1669 Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1669 SAVANTIC-2SD1669 Datasheet
219Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1669

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
   50V / 12A Switching Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SB828 SANYO-2SB828 Datasheet
98Kb / 3P
   50V/12A Switching Applications
2SB826 SANYO-2SB826 Datasheet
98Kb / 3P
   50V/12A Switching Applications
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
   80V/12A Switching Applications
2SC4423 SANYO-2SC4423 Datasheet
96Kb / 4P
   400V/12A Switching Regulator Applications
SB120-05R SANYO-SB120-05R Datasheet
81Kb / 3P
   50V, 12A Rectifier
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
   50V/7A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
   50V/5A Switching Applications
2SB1143S SANYO-2SB1143S Datasheet
422Kb / 7P
   50V/4A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
   50V/8A Switching Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com