전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-120066-013 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-120066-013
상세설명  Micro-Change짰 (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-013 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-120066-013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE 90 / MA STR
22/3-5 YELLOW PVC CABLE
METRIC
2:1
IN/MM
SD-120066-013
LSTEMMLE
RE
NSTAUDIG
DATE
DATE
DATE
2010/01/25
2010/01/26
2010/01/29
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE SHEET 2


유사한 부품 번호 - SD-120066-013

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-120066-013 MOLEX11-SD-120066-013 Datasheet
163Kb / 4P
   Micro-Change (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable, 5.0M (16.40 )
More results

유사한 설명 - SD-120066-013

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1200661273 MOLEX11-1200661273 Datasheet
163Kb / 4P
   Micro-Change (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable, 5.0M (16.40 )
1200660895 MOLEX11-1200660895 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660891 MOLEX11-1200660891 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
1200660887 MOLEX11-1200660887 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
1200660259 MOLEX-1200660259 Datasheet
50Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, PVC Cable, 0.305m (1.0) Length
02/02/2023
1200660313 MOLEX-1200660313 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, PVC Cable, 20.0m (65.62) Length
01/31/2023
1200010395 MOLEX-1200010395 Datasheet
28Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (90째) to Pigtail, 22 AWG
1200010399 MOLEX-1200010399 Datasheet
28Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (90째) to Pigtail, 22 AWG
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com