전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-91716-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-91716-001
상세설명  2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4 Circuits, Fully Coded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91716-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-91716-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-91716-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917160501
Status:
Active
Overview:
rast_25_connector_system
Description:
2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4
Circuits, Fully Coded
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
91716
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Use With
RAST standard interface
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
2A, 4A
Voltage - Maximum
32V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91716Series
Mates With
Appli-Mate RAST 2.5 Header 93070
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006200


유사한 부품 번호 - SD-91716-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-91716-001 MOLEX11-SD-91716-001 Datasheet
733Kb / 7P
   2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4 Circuits, Removed Position
SD-91716-001 MOLEX11-SD-91716-001 Datasheet
733Kb / 7P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 14 Circuits, Fully Coded
SD-91716-001 MOLEX11-SD-91716-001 Datasheet
731Kb / 7P
   2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4 Circuits, Removed Position
SD-91716-001 MOLEX11-SD-91716-001 Datasheet
733Kb / 7P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 6 Circuits, Fully Coded
SD-91716-001 MOLEX11-SD-91716-001 Datasheet
733Kb / 7P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 12 Circuits, Fully Coded
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com