전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-95502-001 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-95502-001
상세설명  Modular Jack, Through Hole Version, Bottom Entry, 4/4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95502-001 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-95502-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95502-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95502-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95002
Product Specification
PS-95502-001
Sales Drawing
SD-95502-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-95502-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/4 Circuits
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole, Bottom Entry, 8/8 Circuits
More results

유사한 설명 - SD-95502-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0955022643 MOLEX11-0955022643 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/4 Circuits
0955022663 MOLEX11-0955022663 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
0955027443 MOLEX1-0955027443 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 4/4, Tray
0955027643 MOLEX1-0955027643 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 6/4, Tray
0955022883 MOLEX11-0955022883 Datasheet
123Kb / 3P
   Modular Jack, Through Hole, Bottom Entry, 8/8 Circuits
0955032441 MOLEX1-0955032441_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 4/4, No Key Version, Tray
0955032641 MOLEX1-0955032641_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/4, No Key Version, Tray
0955027883 MOLEX1-0955027883 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 8/8, Tray
0955027663 MOLEX1-0955027663 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 6/6, Tray
logo
Adam Technologies, Inc.
MTJ-66KA-A-01 ADAM-TECH-MTJ-66KA-A-01 Datasheet
87Kb / 1P
   BOTTOM ENTRY MODULAR JACK CENTERLATCH
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com