전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-92315-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-92315-001
상세설명  Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.79m (2.59 ) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-92315-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-92315-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-92315-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0923152679
Status:
Active
Overview:
picoflex
Description:
Picoflex® PF-50 IDT-to-IDT, 26 Circuits, 0.79m (2.59' ) Length
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92315
Connector to Connector
Picoflex® IDT-to-IDT
Overview
picoflex
Product Name
Picoflex®
Physical
Cable Length
0.79m (2.59' )
Circuits (Loaded)
26
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
80.00
Plating min: Mating (µm)
2.000
Plating min: Termination (µin)
80.00
Plating min: Termination (µm)
2.00
Single Ended
No
Termination Interface: Style
IDT or Pierce
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
PVC, Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SD-92315-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92315Series
Mates With
Picoflex® PF-50 Header 90325 , 90800 ,
90779 , 90715 , 90814
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-92315-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 10 Circuits, 0.72m (2.36 ) Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 4 Circuits, 0.35m (1.15 ) Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 20 Circuits, 0.75m (2.46 ) Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 20 Circuits, 0.08m (3.15") Length
SD-92315-001 MOLEX11-SD-92315-001 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 4 Circuits, 0.62m (2.03 ) Length
More results

유사한 설명 - SD-92315-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0923152479 MOLEX11-0923152479 Datasheet
100Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.79m (2.59 ) Length
0923152613 MOLEX11-0923152613 Datasheet
93Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.13m (5.12") Length
0923152625 MOLEX11-0923152625 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.25m (9.45") Length
0923152640 MOLEX11-0923152640 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.40m (1.31 ) Length
0923152623 MOLEX11-0923152623 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.23m (9.06") Length
0923152627 MOLEX11-0923152627 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.27m (10.63") Length
0923152605 MOLEX11-0923152605 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 1.20m (3.94 ) Length
0923152609 MOLEX11-0923152609 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.90m (2.95 ) Length
0923152675 MOLEX11-0923152675 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.75m (2.46 ) Length
0923152626 MOLEX11-0923152626 Datasheet
93Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 26 Circuits, 0.26m (10.24") Length
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com