전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-93050-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-93050-001
상세설명  2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 7 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-93050-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-93050-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-93050-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-93050-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-93050-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-93050-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930502010
Status:
Active
Overview:
rast_25_connector_system
Description:
2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 7
Circuits, Natural, Open Endwalls
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0040 (PDF)
Agency Certification
CSA
LR19980
General
Product Family
IDT and Solder Connectors
Series
93050
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Physical
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Natural
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
No
Temperature Range - Operating
-20°C to +60°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
32V AC
Material Info
Reference - Drawing Numbers
Application Specification
AS-99033-0008
Packaging Specification
PK-90871-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93050Series
Mates With
Appli-Mate RAST 2.5 Header 93070


유사한 부품 번호 - SD-93050-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-93050-001 MOLEX11-SD-93050-001 Datasheet
451Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 8 Circuits
SD-93050-001 MOLEX11-SD-93050-001 Datasheet
450Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 7 Circuits
SD-93050-001 MOLEX11-SD-93050-001 Datasheet
451Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant 10 Circuits
SD-93050-001 MOLEX11-SD-93050-001 Datasheet
451Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 12 Circuits
SD-93050-001 MOLEX11-SD-93050-001 Datasheet
451Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 3 Circuits, Natural
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com