전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-112095-5021 데이터시트(PDF) 4 Page - Molex Electronics Ltd.

부품명 SD-112095-5021
상세설명  BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112095-5021 데이터시트(HTML) 4 Page - Molex Electronics Ltd.

  SD-112095-5021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
To contact us: www.woodhead.com
North America: US: + 1-800-225-7724 – Canada: +1 (905) 624-6518
Europe:
France: +33 (0)1 64 30 91 36 – Germany: +49 7252/94 96-0 – Italy: +39 026-6400321
United Kingdom: +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Micro-Change & Mini-Change are registered trademarks and BradControl, BradConnectivity and Ultra-Lock are trademarks
of Molex Incorporated. © 2007 Molex
HarshIO 600 eMB
LED Indicators
Module & Input Power (I):
Green –power present
Off –power not connected
Output Power (O):
Green –power present
Off –power not connected
Display Box:
Inform about Ethernet address, I/O
and Watchdog status
Input / Output (Ix / Ox):
Green – input/output on
Red – input/output fault
Off – input/output off
Ethernet Link (LNK 1/2):
Solid Green – Ethernet link at 100 Mbit/s
without activity.
Flashing Green – Ethernet link at 100
Mbit/s with activity.
Solid Yellow – Ethernet link at 10 Mbit/s
without activity.
Flashing Yellow – Ethernet link at 10 Mbit/s
with activity.
Technical Information
I/O Configurations
16 inputs
14 inputs / 2 outputs
12 inputs / 4 outputs
8 inputs / 8 outputs
16 Universal & user configurable input / output channels
I/O Connectors
Micro-Change
® 5-pole M12 female
BradConnectivity
Ultra-Lock, internally threaded
Ethernet Connectors
2 connectors 4-pole female M12 D-Coded Ultra-Lock Acting
as a switch. Crossover capability
Power Connectors
Power in : male Mini-Change 4-pole or 5-pole
Power out : female Mini-Change 4-pole or 5-pole
Power Requirements
Module & input power : 24 Vdc,
Module output power : 24 Vdc (13
u 28 V), 8A max per bloc
Communications Rate
10/100 Mbps auto-sensing, auto-detecting, full duplex
IP Address Capabilities
BOOTP (default), DHCP, static address
Protocol
Modbus (TCP & UDP)
Function code: 01, 02, 03, 04, 05, 06, 15, 16, 23
Input Type
Compatible with dry contact and PNP or NPN 3-wire
switches. Electronic short circuit protection
Input Delay
2.5 ms default or Configurable through Modbus messaging
Input Device Supply
200 mA per port at 25°C
Output Load Current
Maximum 2.0 A per channel
Electronic short circuit protection
Max. Switching Freq.
200 Hz
Housing Dimensions
60mm x 220mm x 20mm (2.36 x 8.66 x .78 inches)
Mounting Dimensions
37.5 mm (1.48 inches) horizontal on centers
210 mm (8.27 inches) vertical on centers
Center hole
Operating Temperature
-20ºC to 70ºC (-4ºF to 158ºF)
Storage Temperature
-40ºC to 85ºC (-40ºF to 185ºF)
Protection
IP67 according to IEC 60529
Vibration
IEC 60068-2-6
Mechanical Shock
10G, 11ms, 3 axis
Approvals
CE, UL, cUL
Ordering Information
Part Number
SAP number
Product Description
TCDEM-8D0N-DYU
112095-5021
8-port, M12 Ultra-Lock, 16 input, NPN
TCDEM-8C2N-DYU
112095-5022
8-port, M12 Ultra-Lock, 14 input, 2 output, NPN
TCDEM-8B4N-DYU
112095-5023
8-port, M12 Ultra-Lock, 12 input, 4 output, NPN
TCDEM-888N-DYU
112095-5024
8-port, M12 Ultra-Lock, 8 input, 8 output, NPN
TCDEM-8D0P-DYU
112095-5025
8-port, M12 Ultra-Lock, 16 input, PNP
TCDEM-8C2P-DYU
112095-5026
8-port, M12 Ultra-Lock, 14 input, 2 output, PNP
TCDEM-8B4P-DYU
112095-5027
8-port, M12 Ultra-Lock, 12 input, 4 output, PNP
TCDEM-888P-DYU
112095-5028
8-port, M12 Ultra-Lock, 8 input, 8 output, PNP
4-pin
Power
TCDEM-8YYX-DYU
112095-5038
8-port, M12 Ultra-Lock, 16 I/O user configurable
TCDEM-8D0N-D1U
112095-0007
8-port, M12 Ultra-Lock, 16 input, NPN
TCDEM-8C2N-D1U
112095-0005
8-port, M12 Ultra-Lock, 14 input, 2 output, NPN
TCDEM-8B4N-D1U
112095-0003
8-port, M12 Ultra-Lock, 12 input, 4 output, NPN
TCDEM-888N-D1U
112095-0001
8-port, M12 Ultra-Lock, 8 input, 8 output, NPN
TCDEM-8D0P-D1U
112095-0008
8-port, M12 Ultra-Lock, 16 input, PNP
TCDEM-8C2P-D1U
112095-0006
8-port, M12 Ultra-Lock, 14 input, 2 output, PNP
TCDEM-8B4P-D1U
112095-0004
8-port, M12 Ultra-Lock, 12 input, 4 output, PNP
TCDEM-888P-D1U
112095-0002
8-port, M12 Ultra-Lock, 8 input, 8 output, PNP
5-pin
Power
TCDEM-8YYX-D1U
112095-0009
8-port, M12 Ultra-Lock, 16 I/O user configurable


유사한 부품 번호 - SD-112095-5021

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
More results

유사한 설명 - SD-112095-5021

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com