전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-120083-022 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-120083-022
상세설명  Micro-Change (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120083-022 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-120083-022 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120083-022 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A2
M12-AU-8P-M-STR-
8/25PURSH-XM
----
METRIC
2:1
MM
SD-120083-022
BB
RE
REISSNER
DATE
DATE
DATE
2009/09/25
2009/10/01
2009/11/20
----
----
----
----
0.1
0.05
----
----
----
1
J
I
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
13
J
I
H
G
F
E
D
C
B
A
13
FIRST ANGLE
PROJECTION
see table
1 OF 1
0
0


유사한 부품 번호 - SD-120083-022

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-120083-022 MOLEX11-SD-120083-022 Datasheet
124Kb / 2P
   Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles
More results

유사한 설명 - SD-120083-022

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1200835151 MOLEX11-1200835151 Datasheet
126Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
1200658972 MOLEX-1200658972 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, 10.0m (32.81) Length
02/01/2023
1200062209 MOLEX-1200062209 Datasheet
38Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
02/02/2023
1200652158 MOLEX-1200652158 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
01/31/2023
1200060572 MOLEX-1200060572 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
02/01/2023
1300480057 MOLEX-1300480057 Datasheet
27Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 26 AWG, PVC Cable, 10.0m (32.81) Length
01/31/2023
1200699509 MOLEX-1200699509 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200658660 MOLEX-1200658660 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200699508 MOLEX-1200699508 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200060638 MOLEX-1200060638 Datasheet
28Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
01/31/2023
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com