전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-95502-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-95502-001
상세설명  Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95502-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-95502-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95502-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95502-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955022663
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
Documents:
3D Model
Product Specification PS-95502-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95502
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
200
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Bottom Entry
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95502Series
Mates With
90075 FCC 68 Plug


유사한 부품 번호 - SD-95502-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 4/4 Circuits
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/4 Circuits
SD-95502-001 MOLEX11-SD-95502-001 Datasheet
123Kb / 3P
   Modular Jack, Through Hole, Bottom Entry, 8/8 Circuits
More results

유사한 설명 - SD-95502-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0955022643 MOLEX11-0955022643 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/4 Circuits
0955027663 MOLEX1-0955027663 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 6/6, Tray
0955022443 MOLEX11-0955022443 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 4/4 Circuits
0955027643 MOLEX1-0955027643 Datasheet
42Kb / 2P
   Modular Jack, Vertical, Bottom Entry, Through Hole, 6/4, Tray
0955032661 MOLEX1-0955032661_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole,6/6, No Key Version, Tray
0955022883 MOLEX11-0955022883 Datasheet
123Kb / 3P
   Modular Jack, Through Hole, Bottom Entry, 8/8 Circuits
0855635003 MOLEX9-0855635003 Datasheet
153Kb / 4P
   Modular Jack, Top Entry, Through Hole Intelligent Shunted, LCP 6/6
0955032641 MOLEX1-0955032641_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/4, No Key Version, Tray
0955032661 MOLEX11-0955032661 Datasheet
200Kb / 5P
   6/6 JACK THROUGH HOLE NO KEY VERSION
0955222667 MOLEX1-0955222667_18 Datasheet
29Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/6, High Profile, with Ribs, Tray
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com