전자부품 데이터시트 검색엔진 |
|
SD-503159-002 데이터시트(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-503159-002 데이터시트(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5031591510 Status: Active Description: 1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row, Through Hole, Vertical, without Peg, 15 Circuits Documents: 3D Model Product Specification PS-503159-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Receptacles Series 503159 Application Wire-to-Board Product Name CLIK-Mate™ Physical Circuits (Loaded) 15 Color - Resin Beige Durability (mating cycles max) 30 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Tin Material - Plating Termination Tin Number of Rows 1 Orientation Vertical PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.059 In Pitch - Mating Interface (mm) 1.50 mm Polarized to Mating Part Yes Polarized to PCB Yes Stackable No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2A Voltage - Maximum 100V Material Info Reference - Drawing Numbers Product Specification PS-503159-001, RPS-503159-001, RPS-503159-003 Sales Drawing SD-503159-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 503159Series Mates With 502578 Crimp Housing . 502579 Crimp Terminal This document was generated on 04/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
유사한 부품 번호 - SD-503159-002 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |