전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-112038-5002 데이터시트(PDF) 4 Page - Molex Electronics Ltd.

부품명 SD-112038-5002
상세설명  BradControl Class 60mm 8 Ports IO module, 12 Inputs/4 Outputs, M23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112038-5002 데이터시트(HTML) 4 Page - Molex Electronics Ltd.

  SD-112038-5002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112038-5002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112038-5002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112038-5002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DESCRIPTION
Brad®
Harsh IO 623sDN
112092 IP67 IO 8 port M23
112092 IP67 IO 8 port M23T
SPECIFICATIONS
ORDERING INFORMATION
I/O Configurations
12 inputs/4 outputs
I/O Connectors
Micro-Change™ 5-pole M12
female
BradConnectivity™ Ultra-Lock™,
internally threaded
Cnnqyu"4"kprwv"qt"4"qwvrwv"
channels per conenctor
Bus and Power Connectors
M23 male in
̈ 17-pole, power in, bus in
M23 female out
̈ 17-pole, power out, bus out
Gzvgtpcn"Rqygt"Tgswktgogpvu
Oqfwng"("kprwv"rqygt
̈ 24 Vdc, device current +
module
Output power
̈ 46"Xfe"*35"vq"4:"X+.":C"
max per module
Dcwf"Tcvg"Ugvvkpiu"
Cwvq"Dcwf
125, 250, 500 Kbaud
Cfftguu"Ugvvkpiu
0-63 using rotary switches or
software
Input Type
Compatible with dry contact and
PNP 3-wire switches Electronic
short circuit protection
Input Device Supply
362"oC"rgt"Rqtv"cv"47̇E
Output Load Current
Oczkowo"302"C"rgt"ejcppgn
Electronic short circuit protection
Oczkowo"Uykvejkpi"Htgswgpe{
200 Hz
Housing Dimensions
60mm x 197mm x 30.5mm
(2.36x 7.75 x 1.20 inches)
Mounting Dimensions
42mm (1.65 inches) horizontal
on centers
210mm (7.36 inches) vertical on
centers
I/O Data
Polled, Cyclic, COS, Bit Strobe
Operating Temperature
/42̇E"vq"92̇E"*/6̇H"vq"37:̇H+
Storage Temperature
/47̇E"vq":7̇E"*/35̇H"vq"3:7̇H+
TJ"Qrgtcvkpi"
5 to 95% non-condensing
EMC
IEC 61000-6-2
Protection
IP67 according to IEC 60529
Vibration
IEC 60068-6-2 conformance
Shock
32I."33ou."5"czku
OVDH
100 000 hours
Crrtqxcnu
CE, UL, CUL
DeviceNet™ Network Status
(NET):
Itggp"/"twppkpi
Hncujkpi"itggp"/"eqppgevkqp"pqv"
allocated
Hncujkpi"tgf"/"tgeqxgtcdng"
network error
Tgf"/"dwu"qhh="wptgeqxgtcdng"
network error
Off - auto bauding
I/O Module Diagnostics (MOD):
Itggp"/"dcwf"tcvg"guvcdnkujgf."
I/O moduel OK
Hncujkpi"itggp"/"cwvq"dcwfkpi
Tgf"/"eqphkiwtcvkqp"gttqt
Oqfwng"("Kprwv"Rqygt"*WD+<
Itggp"/"gzvgtpcn"uwrrn{"rtgugpv
Output Power (UL):
Itggp"/"gzvgtpcn"uwrrn{"rtgugpv
Input / Output
*O34<"3C"vq":D+<
Itggp"/"Kprwv"1Qwvrwv"qp
Part Number
Product Description
Order No.
TCDDN-8B4P-KKU
IO, IP67, 60mm, 8 Ports, 12 Inputs/4 outputs, M23
1120925002
TCDDN-8B4P-KKU-T
IO, IP67, 60mm, 8 Ports, 12 Inputs/4 outputs, M23T
1120925003
Pqtvj"Cogtkec<
Lincolnshire-IL: + 1-800-225-7724
Waterloo-Canada +1 (905) 624-6518
Europe:
Ecwfgdge/nflu/Gndgwh/Htcpeg<"-55"454";82644
Ycnnfqth/Igtocp{<"-6;"8449"52";3"2"
Milan-Italy: +39 02 6642961
Cukc<
Shanghai-China: +86 21-5835-9885
Nagoya-Japan: +81 3 5791 4621
Reference Number: XXXXXXX
Europe: 2009.02
© 2009 Molex
www.molex.com
LED Indicators


유사한 부품 번호 - SD-112038-5002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-112038-5003 MOLEX11-SD-112038-5003 Datasheet
310Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs/4 Outputs, M23 with the additional terminal block
More results

유사한 설명 - SD-112038-5002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120925003 MOLEX11-1120925003 Datasheet
310Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs/4 Outputs, M23 with the additional terminal block
1120955028 MOLEX11-1120955028 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com