전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ELJFQF1N0JF 데이터시트(HTML) 2 Page - Panasonic Semiconductor

부품명 ELJFQF1N0JF
상세내용  Fixed Inductors (Chip Inductors)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo 

ELJFQF1N0JF 데이터시트(HTML) 2 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
QF Type 1005 (0402)
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N0 F
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.05
400
ELJQF1N2 F
1.2
41
6000
0.06
400
ELJQF1N5 F
1.5
40
6000
0.07
400
ELJQF1N8 F
1.8
40
6000
0.08
400
ELJQF2N2 F
2.2
40
6000
0.09
400
ELJQF2N7 F
2.7
40
5500
0.10
400
ELJQF3N3 F
3.3
39
5500
0.12
400
ELJQF3N9 F
3.9
39
5200
0.15
360
ELJQF4N7 F
4.7
39
4800
0.17
360
ELJQF5N6 F
5.6
39
4600
0.19
340
ELJQF6N8 F
6.8
J : ±5 %
39
4000
0.30
320
ELJQF8N2 F
8.2
39
3500
0.35
320
ELJQF10N F10
G : ±2 %
39
2800
0.41
320
ELJQF12N F1238
2800
0.45
320
ELJQF15N F1536
2500
0.60
240
ELJQF18N F1836
2200
0.70
240
ELJQF22N F2236
2000
0.80
200
ELJQF27N F2736
1800
1.20
200
ELJQF33N F3335
1800
1.40
170
ELJQF39N F3935
1800
1.70
150
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Parts (E12 series)
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
10000 pcs./Reel
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N1 F
1.1
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.06
400
ELJQF1N3 F
1.3
40
6000
0.07
400
ELJQF1N6 F
1.6
40
6000
0.08
400
ELJQF2N0 F
2.0
40
6000
0.09
400
ELJQF2N4 F
2.4
40
5500
0.10
400
ELJQF3N0 F
3.0
39
5500
0.12
400
ELJQF3N6 F
3.6
39
5300
0.14
380
ELJQF4N3 F
4.3
39
5000
0.16
360
ELJQF5N1 F
5.1
39
4700
0.18
350
ELJQF6N2 F
6.2
39
4300
0.25
330
ELJQF7N5 F
7.5
J : ±5 %
39
3700
0.33
320
ELJQF9N1 F
9.1
39
3100
0.38
320
ELJQF11N F11
G : ±2 %
38
2800
0.43
320
ELJQF13N F1336
2600
0.53
280
ELJQF16N F1636
2300
0.65
240
ELJQF20N F2036
2100
0.75
220
ELJQF24N F2436
1900
1.00
200
ELJQF30N F3035
1800
1.30
190
ELJQF36N F3635
1800
1.60
160
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts (E24 series)
Jul. 2008


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn