전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G02DRLR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G02DRLR
상세설명  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DRLR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUP1G02DRLR Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DNU – Do not use
N.C. – No internal connection
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DCK PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DRL PACKAGE
(TOP VIEW)
5
1
2
VCC
Y
4
3
A
B
GND
DRY PACKAGE
(TOP VIEW)
B
N.C.
A
6
5
4
2
3
GND
Y
VCC
1
GND
Y
3
4
B
2
5
A
6
1
N.C.
VCC
DSF PACKAGE
(TOP VIEW)
YFP PACKAGE
(
VIEW)
TOP
GND
A
Y
V
CC
B
3
6
2
1
4
5
DNU
A1
B1
C1
A2
B2
C2
SN74AUP1G02
www.ti.com
SCES568G – JUNE 2004 – REVISED MARCH 2010
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Check for Samples: SN74AUP1G02
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 4.6 ns Max at 3.3 V
(Cpd = 4.3 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (Ci = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise – Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Input Hysteresis Allows Slow Input Transition
1000-V Charged-Device Model (C101)
and Better Switching-Noise Immunity at the
Input (Vhys = 250 mV Typ at 3.3 V)
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74AUP1G02DRLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G02DRLR TI-SN74AUP1G02DRLR Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DRLR TI-SN74AUP1G02DRLR Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DRLR TI1-SN74AUP1G02DRLR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
SN74AUP1G02DRLRG4 TI-SN74AUP1G02DRLRG4 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DRLRG4 TI-SN74AUP1G02DRLRG4 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

유사한 설명 - SN74AUP1G02DRLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com