전자부품 데이터시트 검색엔진 |
|
SN74AUP1G04DRLRG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
SN74AUP1G04DRLRG4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 21 page NOTES: A.C includesprobeandjigcapacitance. L B.Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol. Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol. C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR 10MHz,Z =50 ,t /t =3ns. £ W O r f D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement. E.t andt arethesameast . PLZ PHZ dis F.t andt arethesameast . PZL PZH en G. Allparametersandwaveformsarenotapplicabletoalldevices. 5,10,15,30pF V /2 CC V CC 0.15V V =1.2V 0.1V CC ± V =0.8V CC V =1.5V 0.1V CC ± V =1.8V 0.15V CC ± V =2.5V 0.2V CC ± V =3.3V 0.3V CC ± 5,10,15,30pF V /2 CC V CC 0.1V 5,10,15,30pF V /2 CC V CC 0.1V 5,10,15,30pF V /2 CC V CC 0.1V C L V M V I V D 5,10,15,30pF V /2 CC V CC 0.15V 5,10,15,30pF V /2 CC V CC 0.3V Output Waveform1 S1at2 V (seeNoteB) ´ CC Output Waveform2 S1atGND (seeNoteB) V OL V OH t PZL t PZH t PLZ t PHZ V CC 0V V +V OL D V V OH - D »0V V CC VOLTAGEWAVEFORMS ENABLE ANDDISABLETIMES LOW- ANDHIGH-LEVEL ENABLING Output Control V /2 CC V /2 CC V /2 CC V /2 CC t /t PLZ PZL t /t PHZ PZH 2 V ´ CC GND TEST S1 FromOutput UnderTest C (seeNote A) L LOADCIRCUIT S1 GND 5kW 5kW 2 V ´ CC SN74AUP1G04 SCES571H – JUNE 2004 – REVISED MARCH 2010 www.ti.com PARAMETER MEASUREMENT INFORMATION (Enable and Disable Times) Figure 4. Load Circuit and Voltage Waveforms 8 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G04 |
유사한 부품 번호 - SN74AUP1G04DRLRG4 |
|
유사한 설명 - SN74AUP1G04DRLRG4 |