전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3112D1_101 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA3112D1_101
상세설명  25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1_101 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA3112D1_101 Datasheet HTML 7Page - Texas Instruments TPA3112D1_101 Datasheet HTML 8Page - Texas Instruments TPA3112D1_101 Datasheet HTML 9Page - Texas Instruments TPA3112D1_101 Datasheet HTML 10Page - Texas Instruments TPA3112D1_101 Datasheet HTML 11Page - Texas Instruments TPA3112D1_101 Datasheet HTML 12Page - Texas Instruments TPA3112D1_101 Datasheet HTML 13Page - Texas Instruments TPA3112D1_101 Datasheet HTML 14Page - Texas Instruments TPA3112D1_101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPA3112D1PLimitOperation
TPA3112D1
www.ti.com
SLOS654B – SEPTEMBER 2009 – REVISED AUGUST 2010
SD OPERATION
The TPA3112D1 employs a shutdown mode of operation designed to reduce supply current (ICC) to the absolute
minimum level during periods of nonuse for power conservation. The SD input terminal should be held high (see
specification table for trip point) during normal operation when the amplifier is in use. Pulling SD low causes the
outputs to mute and the amplifier to enter a low-current state. Never leave SD unconnected, because amplifier
operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply voltage.
PLIMIT
The voltage at pin 10 can used to limit the power to levels below that which is possible based on the supply rail.
Add a resistor divider from GVDD to ground to set the voltage at the PLIMIT pin. An external reference may also
be used if tighter tolerance is required. Also add a 1mF capacitor from pin 10 to ground.
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. This limit can be thought of as a "virtual"
voltage rail which is lower than the supply connected to PVCC. This "virtual" rail is 4 times the voltage at the
PLIMIT pin. This output voltage can be used to calculate the maximum output power for a given maximum input
voltage and speaker impedance.
Figure 16. PLIMIT Circuit Operation
The PLIMIT circuits sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to fixed maximum value. This limit can be thought of as a “virtual” voltage rail which is lower than the supply
connected to PVCC. This “virtual” rail is 4 times the voltage at the PLIMIT pin. This output voltage can be used to
calculate the maximum output power for a given maximum input voltage and speaker impedance.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA3112D1


유사한 부품 번호 - TPA3112D1_101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
More results

유사한 설명 - TPA3112D1_101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27