전자부품 데이터시트 검색엔진 |
|
TL431AIDCKRE4 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
TL431AIDCKRE4 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 76 page TL431, TL431A, TL431B TL432, TL432A, TL432B www.ti.com SLVS543K – AUGUST 2004 – REVISED JUNE 2010 Vref TOLERANCE (25°C) = 0.5% TL431B, TL432B ORDERING INFORMATION(1) TOP-SIDE TA PACKAGE(2) ORDERABLE PART NUMBER MARKING(3) PDIP (P) Tube of 50 TL431BCP TL431BCP SC-70 (DCK) Reel of 3000 TL431BCDCKR T2_ Reel of 250 TL431BCDCKT SOIC (D) Tube of 75 TL431BCD T431B Reel of 2500 TL431BCDR SOP (PS) Reel of 2000 TL431BCPSR TL431B SOT-23-5 (DBV) Reel of 3000 TL431BCDBVR T3G_ Reel of 250 TL431BCDBVT Reel of 3000 TL432BCDBVR TBC_ Reel of 250 TL432BCDBVT 0°C to 70°C SOT-23-3 (DBZ) Reel of 3000 TL431BCDBZR T3G_ Reel of 250 TL431BCDBZT Reel of 3000 TL432BCDBZR TBC_ Reel of 250 TL432BCDBZT SOT-89 (PK) Reel of 1000 TL431BCPK 4C TL432BCPK 2G TO-226/TO-92 (LP) Bulk of 1000, straight lead TL431BCLP TL431B Ammo of 2000, formed lead TL431BCLPM Reel of 2000, formed lead TL431BCLPR TSSOP (PW) Tube of 150 TL431BCPW T431B Reel of 2000 TL431BCPWR PDIP (P) Tube of 50 TL431BIP TL431BIP SC-70 (DCK) Reel of 3000 TL431BIDCKR T3_ Reel of 250 TL431BIDCKT SOIC (D) Tube of 75 TL431BID Z431B Reel of 2500 TL431BIDR SOT-23-5 (DBV) Reel of 3000 TL431BIDBVR T3F_ Reel of 250 TL431BIDBVT Reel of 3000 TL432BIDBVR T4F_ Reel of 250 TL432BIDBVT -40°C to 85°C SOT-23-3 (DBZ) Reel of 3000 TL431BIDBZR T3F_ Reel of 250 TL431BIDBZT Reel of 3000 TL432BIDBZR T4F_ Reel of 250 TL432IBDBZT SOT-89 (PK) Reel of 1000 TL431BIPK 4I TL432BIPK 2H TO-226/TO-92 (LP) Bulk of 1000, straight lead TL431BILP Z431B Ammo of 2000, formed lead TL431BILPM Reel of 2000, formed lead TL431BILPR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
유사한 부품 번호 - TL431AIDCKRE4 |
|
유사한 설명 - TL431AIDCKRE4 |