전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL31483E 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL31483E
상세설명  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31483E 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL31483E Datasheet HTML 1Page - Intersil Corporation ISL31483E Datasheet HTML 2Page - Intersil Corporation ISL31483E Datasheet HTML 3Page - Intersil Corporation ISL31483E Datasheet HTML 4Page - Intersil Corporation ISL31483E Datasheet HTML 5Page - Intersil Corporation ISL31483E Datasheet HTML 6Page - Intersil Corporation ISL31483E Datasheet HTML 7Page - Intersil Corporation ISL31483E Datasheet HTML 8Page - Intersil Corporation ISL31483E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
2
FN7638.0
June 25, 2010
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA
RATE
(Mbps)
SLEW-
RATE
LIMITED?
EN
PINS?
HOT
PLUG
VL
PIN?
POLARITY
REVERSAL
PINS?
QUIESCENT
ICC (mA)
LOW
POWER
SHDN?
PIN
COUNT
Coming
Soon
ISL31480E
Half
1
Yes
Yes
Yes
Yes
No
2.3
Yes
10
ISL31483E
Full
1
Yes
Yes
Yes
No
Yes
2.3
Yes
14
ISL31485E
Half
1
Yes
Tx Only
Yes
No
Yes
2.3
No
8
Coming
Soon
ISL31486E
Half
1
Yes
Yes
Yes
Yes
Yes
2.3
Yes
10, 12, 14
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
Coming Soon
ISL31480EIRTZ
480E
-40 to +85
10 Ld TDFN
L10.3x3A
Coming Soon
ISL31480EIUZ
1480E
-40 to +85
10 Ld MSOP
M10.118
ISL31483EIBZ
ISL31483 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31485EIBZ
31485 EIBZ
-40 to +85
8 Ld SOIC
M8.15
Coming Soon
ISL31486EIBZ
ISL31486 EIBZ
-40 to +85
14 Ld SOIC
M14.15
Coming Soon
ISL31486EIRTZ
486E
-40 to +85
12 Ld TDFN
L12.4x3A
Coming Soon
ISL31486EIUZ
1486E
-40 to +85
10 Ld MSOP
M10.118
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL31480E, ISL31483E, ISL31485E, and
ISL31486E. For more information on MSL please see techbrief TB363.
Pin Configurations
ISL31483E
(14 LD SOIC)
TOP VIEW
ISL31485E
(8 LD SOIC)
TOP VIEW
RINV
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
DINV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
RO
INV
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R


유사한 부품 번호 - ISL31483E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL31483E INTERSIL-ISL31483E Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31483EIBZ INTERSIL-ISL31483EIBZ Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483EIBZ RENESAS-ISL31483EIBZ Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

유사한 설명 - ISL31483E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com