전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL31486E 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL31486E
상세설명  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31486E 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL31486E Datasheet HTML 7Page - Intersil Corporation ISL31486E Datasheet HTML 8Page - Intersil Corporation ISL31486E Datasheet HTML 9Page - Intersil Corporation ISL31486E Datasheet HTML 10Page - Intersil Corporation ISL31486E Datasheet HTML 11Page - Intersil Corporation ISL31486E Datasheet HTML 12Page - Intersil Corporation ISL31486E Datasheet HTML 13Page - Intersil Corporation ISL31486E Datasheet HTML 14Page - Intersil Corporation ISL31486E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
11
FN7638.0
June 25, 2010
Receiver Skew | tPLH -
tPHL |
tSKD
(Figure 5)
Full
-
4
10
ns
Receiver Enable to
Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Notes 12, 19)
Full
-
-
50
ns
Receiver Enable to
Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Notes 12, 19)
Full
-
-
50
ns
Receiver Disable from
Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6) (Note 19)
Full
-
-
50
ns
Receiver Disable from
Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6) (Note 19)
Full
-
-
50
ns
Time to Shutdown
tSHDN
(Notes 13, 19)
Full
60
160
600
ns
Receiver Enable from
Shutdown to Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Notes 13, 15, 19)
Full
-
-
2000
ns
Receiver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Notes 13, 15, 19)
Full
-
-
2000
ns
NOTES:
8. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
9. Supply current specification is valid for loaded drivers when DE = 0V.
10. Applies to peak current. See “Typical Performance Curves” beginning on page 18 for more information
11. Keep RE = 0 to prevent the device from entering SHDN.
12. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
13. Transceivers (except on the ISL31485E) are put into shutdown by bringing RE high and DE low. If the inputs are in this state
for less than 60ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts
are guaranteed to have entered shutdown. See “Low Power Shutdown Mode” on page 17.
14. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
15. Set the RE signal high time >600ns to ensure that the device enters SHDN.
16. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
17. See Figure 9 for more information, and for performance over-temperature.
18. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15ms at a 1% duty cycle).
19. Does not apply to the ISL31485E. The ISL31485E has no Rx enable function, and thus no SHDN function.
20. See “Caution” statement in the “Recommended Operating Conditions” section on page 9.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. 1B
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, VL = VCC; Unless Otherwise Specified. Typicals are at
VCC = 5V, TA = +25°C (Note 8). Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 16)
TYP
MAX
(Note 16) UNITS
D
DE
DI
VL OR VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VL OR
VOD
375Ω
375Ω
Z
Y
VCM
VCC
RL/2
RL/2
VOC


유사한 부품 번호 - ISL31486E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL31486E INTERSIL-ISL31486E Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

유사한 설명 - ISL31486E

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com