전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54226IRZEVAL1Z 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL54226IRZEVAL1Z
상세설명  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54226IRZEVAL1Z 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL54226IRZEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54226IRZEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL54226
5
FN7614.0
July 29, 2010
Overvoltage Protection Detection
Positive Fault-Protection Trip
Threshold, VPFP
VDD = 2.7V to 5.25V, OE/ALM = VDD
(see Table 1 on page 2)
25
3.62
3.8
3.95
V
Negative Fault-Protection Trip
Threshold, VNFP
VDD = 2.7V to 5.25V, OE/ALM = VDD
(see Table 1 on page 2)
25
-0.6
-0.45
-0.29
V
OFF Persistence Time
Fault Protection Response
Time
Negative OVP Response: VDD = 2.7V,
OE/ALM = VDD, VDx = 0V to -5V,
RL =1.5kΩ
25
-
102
-
ns
Positive OVP Response: VDD = 2.7V,
OE/ALM = VDD, VDx = 0V to 5.25V,
RL = 1.5kΩ
25
-
2
-
µs
ON Persistence Time
Fault Protection Recovery
Time
VDD = 2.7V, OE/ALM = VDD , VDx = 0V
to 5.25V or 0V to -5V, RL = 1.5kΩ
25
-
45
-
µs
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, VINPUT = 3V, RL = 50Ω,
CL = 50pF (see Figure 1)
25
-
160
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, VINPUT = 3V, RL = 50Ω,
CL = 50pF (see Figure 1)
25
-
60
-
ns
Skew, (tSKEWOUT - tSKEWIN) VDD = 3.3V, OE/ALM = 3.3V,
RL =45Ω, CL =10pF, tR = tF = 500ps
at 480Mbps, (Duty Cycle = 50%)
(see Figure 5)
25
-
50
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, OE/ALM = 3.3V,
RL =45Ω, CL = 10pF, (see Figure 5)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz
(see Figure 4)
25
-
-39
-
dB
OFF-Isolation
VDD = 3.3V, OE/ALM = 0V, RL = 50Ω,
f = 240MHz
25
-
-23
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.86VDC offset,
RL =50Ω
25
-
790
-
MHz
OFF Capacitance, COFF
f = 1MHz, VDD = 3.3V, OE/ALM = 0V
(see Figure 3)
25
-
2.5
-
pF
COM ON Capacitance, C(ON) f = 1MHz, VDD = 3.3V,
OE/ALM = 3.3V, (see Figure 3)
25
-
4
-
pF
COM ON Capacitance, C(ON) f = 240MHz, VDD = 3.3V,
OE/ALM = 3.3V
25
-
2
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
5.25
V
Positive Supply Current, IDD VDD = 5.25V, OE/ALM = 5.25V
25
-
45
56
µA
Full
-
-
59
µA
Positive Supply Current, IDD VDD = 3.6V, OE/ALM = 3.6V
25
-
23
30
µA
Full
-
-
34
µA
Positive Supply Current, IDD VDD = 4.3V, OE/ALM = 2.6V
25
-
35
45
µA
Full
-
-
50
µA
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VOE/ALMH =1.4V,
VOE/ALML = 0.5V, (Note 10), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12) TYP
MAX
(Notes 11, 12) UNITS


유사한 부품 번호 - ISL54226IRZEVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54226IRTZ-T RENESAS-ISL54226IRTZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54226IRTZ-T7A RENESAS-ISL54226IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54226IRTZEVAL1Z RENESAS-ISL54226IRTZEVAL1Z Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54226IRUZ-T RENESAS-ISL54226IRUZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results

유사한 설명 - ISL54226IRZEVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Fairchild Semiconductor
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
   Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com