전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431CLPB-TDJ 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TL431CLPB-TDJ
상세설명  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPB-TDJ 데이터시트(HTML) 2 Page - Texas Instruments

  TL431CLPB-TDJ Datasheet HTML 1Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 2Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 3Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 4Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 5Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 6Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 7Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 8Page - Texas Instruments TL431CLPB-TDJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
CATHODE
ANODE
REF
TL431 . . . KTP (PowerFLEX
/TO-252) PACKAGE
(TOP VIEW)
TL431A, TL431B . . . DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
NC − No internal connection
TL431, TL431A, TL431B . . . LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TL431 and TL432 are three-terminal adjustable shunt regulators, with specified thermal stability over
applicable automotive, commercial, and military temperature ranges. The output voltage can be set to any value
between Vref (approximately 2.5 V) and 36 V, with two external resistors (see Figure 17). These devices have a
typical output impedance of 0.2
Ω. Active output circuitry provides a very sharp turn-on characteristic, making
these devices excellent replacements for Zener diodes in many applications, such as onboard regulation,
adjustable power supplies, and switching power supplies. The TL432 has exactly the same functionality and
electrical specifications as the TL431, but has different pinouts for the DBV, DBZ, and PK packages.
Both the TL431 and TL432 devices are offered in three grades, with initial tolerances (at 25°C) of 0.5%, 1%, and
2%, for the B, A, and standard grade, respectively. In addition, low output drift vs temperature ensures good
stability over the entire temperature range.
The TL43xxC devices are characterized for operation from 0°C to 70°C, the TL43xxI devices are characterized
for operation from –40°C to 85°C, and the TL43xxQ devices are characterized for operation from –40°C to
125°C.
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


유사한 부품 번호 - TL431CLPB-TDJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431CLPB-TDJ TI-TL431CLPB-TDJ Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CLPB-TDJ TI-TL431CLPB-TDJ Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CLPB-TDJ TI-TL431CLPB-TDJ Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CLPB-TDJ TI-TL431CLPB-TDJ Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CLPB-TDJ TI1-TL431CLPB-TDJ Datasheet
2Mb / 74P
[Old version datasheet]   Precision Programmable Reference
More results

유사한 설명 - TL431CLPB-TDJ

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com