전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB26 데이터시트(PDF) 3 Page - Sirectifier Global Corp.

부품명 BTB26
상세설명  Discrete Triacs(Non-Isolated/Isolated)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

BTB26 데이터시트(HTML) 3 Page - Sirectifier Global Corp.

  BTB26 Datasheet HTML 1Page - Sirectifier Global Corp. BTB26 Datasheet HTML 2Page - Sirectifier Global Corp. BTB26 Datasheet HTML 3Page - Sirectifier Global Corp. BTB26 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTB/BTA26
Discrete Triacs(Non-Isolated/Isolated)
F ig. 1: Maximum power dis s ipation vers us R MS
on-s tate current (full cycle).
F ig.
2-1: R MS on-s tate current vers us cas e
temperature (full cycle).
F ig. 3: R elative variation of thermal impedance
vers us puls e duration.
F ig.
4:
O n-s tate characteris tics (maximum
values ).
F ig.
5: S urge peak on-s tate current versus
number of cycles.
0
5
10
15
20
25
0
5
10
15
20
25
30
IT (R MS ) (A )
P (W)
0
25
50
75
100
125
0
5
10
15
20
25
30
T c(°C )
IT (R MS ) (A )
B TA 24
B T B /T 25
B TA 25/26
1E -3
1E -2
1E -1
1E +0
1E +1
1E +2 5E +2
1E -3
1E -2
1E -1
1E +0
tp (s )
K =[Zth/R th]
Zth(j-c)
Zth(j-a)
B TA/B T B 24/T 25
Zth(j-a)
B TA26
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
V T M (V )
IT M (A )
T j=25°C
T j max
T j max.
V to = 0.85V
R d = 16 m
1
10
100
1000
0
50
100
150
200
250
300
Number of c
ycles
IT S M (A )
Non repetitive
T j initial=25°C
R epetitive
T c=75°C
One cycle
t=20ms


유사한 부품 번호 - BTB26

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
BTB26 SIRECTIFIER-BTB26 Datasheet
266Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB26 STMICROELECTRONICS-BTB26 Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTB26 STMICROELECTRONICS-BTB26 Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26 STMICROELECTRONICS-BTB26 Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTB26 STMICROELECTRONICS-BTB26 Datasheet
207Kb / 10P
   800 V and 600 V, 25 A standard Triacs in TOP3 package
Rev 1
More results

유사한 설명 - BTB26

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB26 SIRECTIFIER-BTB26 Datasheet
266Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB35 SIRECTIFIER-BTB35 Datasheet
118Kb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com