전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1100E 데이터시트(PDF) 1 Page - Sirectifier Global Corp.

부품명 SB1100E
상세설명  Power Schottky Rectifier - 1Amp 40~100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB1100E 데이터시트(HTML) 1 Page - Sirectifier Global Corp.

  SB1100E Datasheet HTML 1Page - Sirectifier Global Corp. SB1100E Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 1Amp 40~100Volt
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:0.34 grams
Maximum ratings and Electrical characteristics
TYPE
SB140E
SB160E
SB1100E
UNIT
Maximum Recurrent Peak Reverse Voltage
40
60
100
V
Maximum RMS Voltage
28
42
70
V
Maximum DC Blocking Voltage
40
60
100
V
Maximum Average Forward Rectified Current
1.0
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC method)
30
A
Maximum Instantaneous Forward Voltage at 1.0A
0.55
0.65
0.82
V
Ta = 25ºC
0.5
0.3
0.01
Maximum DC Reverse Current at Rated
DC Blocking Voltage
Ta = 100ºC
20
15
10
mA
Typical Junction Capacitance
110
pF
Typical Thermal Resistance RθJA
50
ºC/W
Operating Temperature Range TJ
-50 to +150
-50 to +175
ºC
Storage Temperature Range TSTG
-50 to +150
ºC
Note: Pulse Test : 380μs pulse width, 2% duty cycle
June 2009 / Rev.6.4
DO-41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
E
L
E
C
T
R
O
N
I
C
SB140E~SB1100E


유사한 부품 번호 - SB1100E

제조업체부품명데이터시트상세설명
logo
Comchip Technology
SB1100E-G COMCHIP-SB1100E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
More results

유사한 설명 - SB1100E

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
SB140H SIRECT-SB140H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140 SIRECT-SB140 Datasheet
214Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
MBR140 SIRECT-MBR140 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240H SIRECT-SB240H Datasheet
226Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB540 SIRECT-SB540 Datasheet
227Kb / 3P
   Power Schottky Rectifier - 5Amp 40~100Volt
SB340LH SIRECT-SB340LH Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com