전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SB10150FC 데이터시트(HTML) 1 Page - Sirectifier Global Corp.

부품명 SB10150FC
상세내용  Power Schottky Rectifier - 10Amp 150Volt
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB10150FC 데이터시트(HTML) 1 Page - Sirectifier Global Corp.

  SB10150FC 데이터시트 HTML 1Page - Sirectifier Global Corp. SB10150FC 데이터시트 HTML 2Page - Sirectifier Global Corp. SB10150FC 데이터시트 HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 10Amp 150Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
Application
-AC/DC Switching Adaptor and other Switching Power Supply
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
10
A
Average Forward Current
VRRM
150
V
Repetitive Peak Reverse Voltage
IFSM
120
A
Peak Forward Surge Current
VF(max)
0.69
V
Forward Voltage Drop
Tj
-50 to +175
ºC
Operating Temperature
Tstg
-65 to +150
ºC
Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.88V
0.69V
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.01mA
10mA
Tc = 25ºC
Tc = 125ºC
Maximum Voltage Rate of Change
dv/dt
10,000 V/μs
Rated VR
Typical Thermal Resistance, Junction to Case
Rθ (j-c)
6 ºC/W
Note: Pulse Test : 380μs pulse width, 2% duty cycle
September 2008 / Rev.6.2
E
L
E
C
T
R
O
N
I
C
SB10150FC


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn