전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SB10150FC 데이터시트(HTML) 2 Page - Sirectifier Global Corp.

부품명 SB10150FC
상세내용  Power Schottky Rectifier - 10Amp 150Volt
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB10150FC 데이터시트(HTML) 2 Page - Sirectifier Global Corp.

  SB10150FC 데이터시트 HTML 1Page - Sirectifier Global Corp. SB10150FC 데이터시트 HTML 2Page - Sirectifier Global Corp. SB10150FC 데이터시트 HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
0
4
12
16
175
CASE TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
8
150
125
100
75
50
25
RESISTIVE OR
INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
40
120
60
100
80
20
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1.0
10
100
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ=25℃
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
TJ=25℃
PULSE WIDTH 300us
2% Duty cycle
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ =25℃
f =1MHz
SB10150FC


Html Pages

1  2  3 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn