전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLML2030TRPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRLML2030TRPBF
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLML2030TRPBF 데이터시트(HTML) 6 Page - International Rectifier

Back Button IRLML2030TRPBF Datasheet HTML 2Page - International Rectifier IRLML2030TRPBF Datasheet HTML 3Page - International Rectifier IRLML2030TRPBF Datasheet HTML 4Page - International Rectifier IRLML2030TRPBF Datasheet HTML 5Page - International Rectifier IRLML2030TRPBF Datasheet HTML 6Page - International Rectifier IRLML2030TRPBF Datasheet HTML 7Page - International Rectifier IRLML2030TRPBF Datasheet HTML 8Page - International Rectifier IRLML2030TRPBF Datasheet HTML 9Page - International Rectifier IRLML2030TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLML2030TRPbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
20
60
100
140
180
220
260
300
ID = 2.7A
TJ = 25°C
TJ = 125°C
0
2
4
6
8
10
12
ID, Drain Current (A)
50
100
150
Vgs = 10V
Vgs = 4.5V
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr


유사한 부품 번호 - IRLML2030TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLML2030TRPBF IRF-IRLML2030TRPBF Datasheet
272Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
logo
ZP Semiconductor
IRLML2030TRPBF ZPSEMI-IRLML2030TRPBF Datasheet
250Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML2030TRPBF VBSEMI-IRLML2030TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

유사한 설명 - IRLML2030TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com