전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G07SE 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 74LVC1G07SE
상세설명  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G07SE 데이터시트(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G07SE Datasheet HTML 2Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 3Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 4Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 5Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 6Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 7Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 8Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 9Page - Diodes Incorporated 74LVC1G07SE Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LVC1G07
SINGLE BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVC1G07
Document number: DS32274 Rev. 1 - 2
7 of 10
www.diodes.com
July 2010
© Diodes Incorporated
Parameter Measurement Information
Vcc
Inputs
VM
VLOAD
CL
RL
V
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 X VCC
30pF
1K
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 X VCC
30pF
500
0.15V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
50pF
500
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 X VCC
50pF
500
0.3V
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz
C. The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD
E. tPZL is measured at VM.
F. tPLZ is measured at VOL +V
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload


유사한 부품 번호 - 74LVC1G07SE

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC1G07SE DIODES-74LVC1G07SE Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
More results

유사한 설명 - 74LVC1G07SE

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com