전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4860UC5X 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN4860UC5X
상세설명  3MHz, 5V Output Synchronous TinyBoost??Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4860UC5X 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN4860UC5X Datasheet HTML 1Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 2Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 3Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 4Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 5Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 6Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4860UC5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.0.3
2
Block Diagrams
Figure 2. IC Block Diagram
Pin Configuration
Figure 3. WLCSP (Top View)
Figure 4. WLCSP (Bottom View)
Figure 5. 2X2mm UMLP (Top View)
Pin Definitions
Pin #
Name
Description
WLCSP
UMLP
A1
6
VIN
Input Voltage
. Connect to Li-Ion battery input power source and input capacitor (CIN).
B1
5
SW
Switching Node
. Connect to inductor.
C1
4
EN
Enable
. When this pin is HIGH, the circuit is enabled. This pin should not be left floating.
C2
3
FB
Feedback
. Output voltage sense point for VOUT. Connect to output capacitor (COUT).
B2
2
VOUT
Output Voltage
. This pin is both the output voltage terminal as well as an IC bias supply.
A2
1, P1
GND
Ground
. Power and signal ground reference for the IC. All voltages are measured with
respect to this pin.


유사한 부품 번호 - FAN4860UC5X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN4860UC5X ONSEMI-FAN4860UC5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
More results

유사한 설명 - FAN4860UC5X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com