전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4860UMP5X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN4860UMP5X
상세설명  3MHz, 5V Output Synchronous TinyBoost??Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4860UMP5X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN4860UMP5X Datasheet HTML 1Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 2Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 3Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 4Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 5Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 6Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4860UMP5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum
ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VIN
VIN Pin
-0.3
5.5
V
VOUT
VOUT Pin
–2
6
V
VFB
FB Pin
–2
14
V
VSW
SW Node
DC
-0.3
5.5
V
Transient: 10ns, 3MHz
-1.0
6.5
VEN
EN Pin
-0.3
5.5
V
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2.0
kV
Charged Device Model per JESD22-C101
1.0
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Units
VIN
Supply Voltage
2.3
4.5
V
IOUT
Output Current
200
mA
TA
Ambient Temperature
–40
+85
°C
TJ
Junction Temperature
–40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
2s2p boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature
TJ(max) at a given ambient temperate TA.
Symbol
Parameter
Typical
Units
θJA
Junction-to-Ambient Thermal Resistance
WLCSP
130
°C/W
UMLP
57
°C/W


유사한 부품 번호 - FAN4860UMP5X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN4860UMP5X ONSEMI-FAN4860UMP5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
More results

유사한 설명 - FAN4860UMP5X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com