전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4603MM12X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN4603MM12X
상세설명  600mA, Fully Integrated, Buck Power Supply Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4603MM12X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4603MM12X Datasheet HTML 3Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 4Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 5Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 6Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 7Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 8Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 9Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 10Page - Fairchild Semiconductor FAN4603MM12X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4603 • Rev. 1.0.1
7
Typical Performance
Unless otherwise specified, VIN = 3.7V, TA = 25°C,VIN = VEN
Figure 16. Quiescent Current Over Temperature (EN=VIN) Figure 17.
Shutdown Current Over Temperature (EN=0V)
Figure 18. 1.82VOUT Startup, 3.7VIN, No Load
Figure 19.
1.82VOUT Startup, 3.7VIN, 3.6Ω Load
Figure 20. 1.82VOUT Startup into Pre-Charged Output,
3.7VIN, 300mA Load
Figure 21.
Over-Current Protection, 300mA Load
Transition to 300m
Ω Fault


유사한 부품 번호 - FAN4603MM12X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400ANY FAIRCHILD-FAN400ANY Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
FAN400ATY FAIRCHILD-FAN400ATY Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

유사한 설명 - FAN4603MM12X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
   FULLY INTEGRATED POWER SUPPLY FIPS
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5368QI ALTERA-EP5368QI Datasheet
896Kb / 14P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
List of Unclassifed Man...
EN5312Q ETC1-EN5312Q Datasheet
253Kb / 12P
   Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com