전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6755 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN6755
상세설명  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6755_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 9Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6755 • Rev. 1.0.1
6
Electrical Characteristics
VDD=15V, TA=25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
HV Section
IHV
Supply Current Drawn from HV Pin
VDC=120V, VDD=10µF,
VDD=0V
2.0
3.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV=700V, VDD=VDD-
OFF+1V
1
20
µ
A
Oscillator Section
fOSC
Frequency in Normal Mode
Center Frequency
62
65
68
KHz
Hopping Range
±4.5
±5.2
±5.9
fOSC-G
Green-Mode Frequency
20
23
26
KHz
tH-OP
Hopping Period
4.20
5.05
5.90
ms
fDV
Frequency Variation vs. VDD
Deviation
VDD=11V to 22V
5
%
fDT
Frequency Variation vs.
Temperature Deviation
TA=-40 to 85°C
5
%
VIN Section
VIN-OFF
PWM Turn-Off Threshold Voltage
0.66
0.70
0.74
V
VIN-ON
PWM Turn-On Threshold Voltage
VIN-OFF+
0.17
VIN-OFF+
0.20
VIN-OFF+
0.23
V
VIN-Protect
PWM Protect Threshold Voltage
5.1
5.3
5.5
V
tVIN-Protect
PWM Protect Debounce Time
60
100
140
µs
Current-Sense Section
VTH-P at
VIN=1V
Threshold Voltage for Current Limit VIN=1V
0.80
0.83
0.86
V
VTH-P at
VIN=3V
Threshold Voltage for Current Limit VIN=3V
0.67
0.70
0.73
V
tPD
Delay to Output
100
200
ns
tLEB
Leading-Edge Blanking Time
240
290
340
ns
tSS
Period During Soft-Start Time
Startup Time
4.0
5.5
7.0
ms
Figure 6.
VIN vs. VSENSE
Continued on the following page…


유사한 부품 번호 - FAN6755_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755UW FAIRCHILD-FAN6755UW Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755W FAIRCHILD-FAN6755W Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

유사한 설명 - FAN6755_10

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com