전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8496G-J15-A-T 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 TDA8496G-J15-A-T
상세설명  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496G-J15-A-T 데이터시트(HTML) 4 Page - Unisonic Technologies

  TDA8496G-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 7Page - Unisonic Technologies TDA8496G-J15-A-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-030,E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply voltage
VSS
35
V
Maximum Input Voltage
VIN(MAX)
8
VPP
Volume Control DC Voltage
V3
7
V
HZIP-15A/HZIP-15B
15
Total Power Dissipation (TA=80℃)
HZIP-15D
PD
12.5
W
Junction Temperature
TJ
+150
Ambient Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
HZIP-15A/HZIP-15B
35
Junction-to-Ambient
HZIP-15D
θJA
46
/W
ELECTRICAL CHARACTERISTICS (refer to the test circuit VSS= 22V, RL=8Ω, RG = 50Ω, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage Range
VSS
10
32
V
Output DC Offset Referred to SVR
Potential
VOUT(OFF) No Input Signal
200
mV
Quiescent Output Voltage
VQ(OUT)
11
V
THD = 10%, RL = 8Ω
5
5.5
THD = 1%, RL = 8Ω
4
W
THD = 10%, RL = 4Ω, VSS = 12V
2.1
Output Power
POUT
THD = 1%, RL = 4Ω, VSS = 12V
1.0
W
Total Harmonic Distortion
THD
GV = 30dB, POUT = 1W, f = 1KHz
0.4
%
Total Quiescent Current
IQ
25
50
mA
Output Peak Current
IPEAK
(internally limited)
1.0
1.3
A
Input Signal
VIN
2.8 Vrms
Closed Loop Gain
GV
VOl Ctrl >4.5V
28.5
30
31.5
dB
Monitor Out Gain
GVline
VOl Ctrl >4.5V, Zload >30KΩ
-1.5
0
1.5
dB
Attenuation at Minimum Volume
AMIN
VOl Ctrl <0.5V
80
dB
Bandwidth
BW
0.6
MHz
PLAY, Max volume
500
800
µV
PLAY, Max attenuation
100
250
µV
Total Output Noise
eN
f =20Hz~22KHz
Mute
60
150
µV
Slew Rate
SR
5
8
V/µs
Input Resistance
RIN
22.5
30
KΩ
Variable Output Resistance
RVAR(OUT)
30
100
Variable Output Load
RL(OUT)
2
KΩ
Max volume
35
39
dB
Supply Voltage Rejection
SVR
f=1KHz, CSVR=470mF,
VRIP =1Vrms
Max attenuation
55
65
dB
Thermal Muting
TMUTE
150
Thermal Shut-down
TSHDN
160


유사한 부품 번호 - TDA8496G-J15-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA8496G-J15-A-T UTC-TDA8496G-J15-A-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496G-J15-A-T UTC-TDA8496G-J15-A-T Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TDA8496G-J15-A-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com