전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8496L-J15-D-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 TDA8496L-J15-D-T
상세설명  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496L-J15-D-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  TDA8496L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA8496L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-030,E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
MUTE STAND-BY & INPUT SELECTION FUNCTIONS
Stand-by ON Threshold
VTHD(SON)
3.5
V
Stand-by OFF Threshold
VTHD(SOFF)
1.5
V
Mute ON threshold
VTHD(MON)
3.5
V
Mute OFF threshold
VTHD(MOFF)
1.5
V
Mute Attenuation
AMUTE
50
65
dB
Quiescent Current @ Stand-by
IQ(ST-BY)
0.6
1
mA
Stand by ON: VST-BY = 5V,VMUTE= 5V
80
µA
Stand-by Bias Current
IST-BY(BIAS)
Play or Mute
-20
-5
µA
Mute Bias Current
IMUTE(BIAS) Mute
1
5
µA


유사한 부품 번호 - TDA8496L-J15-D-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA8496L-J15-D-T UTC-TDA8496L-J15-D-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-D-T UTC-TDA8496L-J15-D-T Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TDA8496L-J15-D-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com