전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54100CQZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54100CQZ
상세설명  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54100CQZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54100CQZ Datasheet HTML 1Page - Intersil Corporation ISL54100CQZ Datasheet HTML 2Page - Intersil Corporation ISL54100CQZ Datasheet HTML 3Page - Intersil Corporation ISL54100CQZ Datasheet HTML 4Page - Intersil Corporation ISL54100CQZ Datasheet HTML 5Page - Intersil Corporation ISL54100CQZ Datasheet HTML 6Page - Intersil Corporation ISL54100CQZ Datasheet HTML 7Page - Intersil Corporation ISL54100CQZ Datasheet HTML 8Page - Intersil Corporation ISL54100CQZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN6275.5
June 4, 2008
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output HIGH Voltage, IO = 8mA
2.4
V
VOL
Output LOW Voltage, IO = -8mA
0.4
V
POWER SUPPLY REQUIREMENTS
VD
Supply Voltage
3
3.3
3.6
V
ID
Supply Current
All available inputs driven by
165Mpixel/s TMDS signals.
Default register settings
ISL54100
387
435
mA
ISL54101
357
405
mA
ISL54102
370
415
mA
ID
Supply Current in Power-down Mode
All available inputs driven by
165Mpixel/s TMDS signals.
20
26
mA
AC TIMING CHARACTERISTICS (2-WIRE INTERFACE)
fSCL
SCL Clock Frequency
0
400
kHz
tAA
SCL LOW to SDA Data Out Valid
200
470
ns
tBUF
Time the Bus Must be Free Before a New
Transmission Can Start
1.3
µs
tLOW
Clock LOW Time
1.3
0.1
µs
tHIGH
Clock HIGH Time
0.6
0.2
µs
tSU:STA
Start Condition Setup Time
0.6
0.03
µs
tHD:STA
Start Condition Hold Time
0.6
0.07
µs
tSU:DAT
Data In Setup Time
100
0.03
ns
tHD:DAT
Data In Hold Time
0
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Output Hold Time
160
ns
NOTE:
2. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
3. Operation up to 165MHz is guaranteed. While many parts will typically operate up to 225MHz, operation above 165MHz is not guaranteed.
Electrical Specifications
Specifications apply for VD = 3.3V, pixel rate = 165MHz, TA = +25°C, RES_TERM = 1kΩ, RES_BIAS = 3.16kΩ,
TMDS output load = 50
Ω, TMDS output termination voltage V
TERM = 3.0V unless otherwise noted.
SYMBOL
PARAMETER
COMMENT
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
FIGURE 1. 2-WIRE INTERFACE TIMING
ISL54100, ISL54101, ISL54102


유사한 부품 번호 - ISL54100CQZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
logo
Renesas Technology Corp
ISL54100CQZ RENESAS-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

유사한 설명 - ISL54100CQZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com