전자부품 데이터시트 검색엔진 |
|
ISL60002BIH320Z-TK 데이터시트(PDF) 1 Page - Intersil Corporation |
|
ISL60002BIH320Z-TK 데이터시트(HTML) 1 Page - Intersil Corporation |
1 / 37 page 1 ® FN8082.16 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2004-2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ISL60002 Precision Low Power FGA™ Voltage References The ISL60002 FGA™ voltage references are very high precision analog voltage references fabricated in Intersil's proprietary Floating Gate Analog technology and feature low supply voltage operation at ultra-low 350nA operating current. Additionally, the ISL60002 family features guaranteed initial accuracy as low as ±1.0mV and 20ppm/°C temperature coefficient. The initial accuracy and temperature stability performance of the ISL60002 family, plus the low supply voltage and 350nA power consumption, eliminates the need to compromise thermal stability for reduced power consumption making it an ideal companion to high resolution, low power data conversion systems. Features • Reference Voltages . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V, 2.5V, 2.6V, 3.0V and 3.3V • Absolute Initial Accuracy Options. . . . . . .±1.0mV, ±2.5mV and ±5.0mV • Supply Voltage Range - ISL60002-10, -11, -12, -18, -20, -25 . . . . . . 2.7V to 5.5V - ISL60002-26 . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V - ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V - ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V • Ultra-Low Supply Current . . . . . . . . . . . . . . . . . . 350nA typ • Low 20ppm/°C Temperature Coefficient •ISOURCE and ISINK = 7mA •ISOURCE and ISINK = 20mA for ISL60002-33 only • ESD Protection. . . . . . . . . . . 5500V (Human Body Model) • Standard 3 Ld SOT-23 Packaging • Operating Temperature Range - ISL60002-10, -11, -12, -18, -20, -25, -26, -30 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C - ISL60002-33 . . . . . . . . . . . . . . . . . . . . . -40°C to +105°C • Pb-Free (RoHS Compliant) Applications • High Resolution A/Ds and D/As • Digital Meters • Bar Code Scanners • Mobile Communications • PDA’s and Notebooks • Medical Systems Pinout ISL60002 (3 LD SOT-23) TOP VIEW Pin Descriptions PIN NUMBER PIN NAME DESCRIPTION 1VIN Power Supply Input 2VOUT Voltage Reference Output 3 GND Ground 1 2 3 VOUT GND VIN Data Sheet May 4, 2009 |
유사한 부품 번호 - ISL60002BIH320Z-TK |
|
유사한 설명 - ISL60002BIH320Z-TK |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |