전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28133FHZ-T7 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL28133FHZ-T7
상세설명  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FHZ-T7 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL28133FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN6560.1
May 29, 2009
n
FIGURE 33. V+ SUPPLY CURRENT vs TEMPERATURE, VS = ±3.0V, VIN = 0V, RL = INF
Typical Performance Curves
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. (Continued)
14
16
18
20
22
24
26
28
30
32
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
N = 67
Pin Descriptions
ISL28133
(5 Ld SOT23)
ISL28133
(5 Ld SC70)
ISL28133
(6 Ld µTDFN)
ISL28233
(8 Ld MSOP,
8 Ld TDFN)
ISL28433
(14 Ld TSSOP)
PIN
NAME FUNCTION
EQUIVALENT CIRCUIT
31
4
3(A)
5(B)
3(A)
5(B)
10(C)
12(D)
IN+
Non-
inverting
input
Circuit 1
22
2
4
11
V-
Negative
supply
43
3
2(A)
6(B)
2(A)
6(B)
9(C)
13(D)
IN-
Inverting
input
(See Circuit 1)
14
1
1(A)
7(B)
1(A)
7(B)
8(C)
14(D)
OUT
Output
Circuit 2
5
5
6
8
4
V+
Positive
supply
5NC
Not
connected
Not internally connected
IN-
V+
IN+
V-
+
-
+
-
CLOCK GEN + DRIVERS
V+
V-
OUT
ISL28133, ISL28233, ISL28433


유사한 부품 번호 - ISL28133FHZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133FHZ-T7 INTERSIL-ISL28133FHZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FHZ-T7 INTERSIL-ISL28133FHZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FHZ-T7 RENESAS-ISL28133FHZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FHZ-T7A INTERSIL-ISL28133FHZ-T7A Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FHZ-T7A INTERSIL-ISL28133FHZ-T7A Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

유사한 설명 - ISL28133FHZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com