전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54214IRTZ-T 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL54214IRTZ-T
상세설명  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54214IRTZ-T 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL54214IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 14Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL54214
11
FN6816.3
June 28, 2010
These switches can also swing rail-to-rail and pass USB
full-speed signals (12Mbps) with minimal distortion. See
Figure 25 for the full-speed eye pattern taken with the
switch in the signal path.
The maximum normal operating signal range for the USB
switches is from -1V to VDD. The signal voltage at D- and
D+ should not be allow to exceed the VDD voltage rail or
go below ground by more than -1V for normal operation.
However, in the event that the USB 5.25V VBUS voltage
is shorted to one or both of the COM pins, the ISL54214
has fault protection circuitry to prevent damage to the
ISL54214 part. The fault circuitry allows the signal pins
(COM-, COM+, 1D-, 1D+, 2D-, 2D+, L and R) to be
driven up to 5.25V while the VDD supply voltage is in the
range of 0V to 4.6V. This fault condition causes no stress
to the IC. In addition, when VDD is at 0V (ground), all
switches are OFF and the fault voltage is isolated from
the other side of the switch. When VDD is in the range of
2.7V to 4.6V, the fault voltage will pass through to the
output of an active switch channel. Note: During the fault
condition normal operation is not guaranteed until the
fault condition is removed.
The USB (1D+ and 1D-) switches are active (turned ON)
whenever the C1 is logic “0” (Low) and C0 is logic “1”
(High). The USB (2D+ and 2D-) switches are active
(turned ON) whenever the C1 is logic “1” (High) and C0
is logic “0” (Low) provided the last state was not the
Audio or Audio Mute state.
ISL54214 Operation
The discussion that follows will discuss using the
ISL54214 in the “Application Block Diagrams” on
page 10.
LOGIC CONTROL
The state of the ISL54214 device is determined by the
voltage at the C1 pin (pin 9) and the C0 pin (pin 10). The
part has five states or modes of operation. The All
SWITCHES OFF mode, USB1 mode, USB2 mode, Audio
mode and Audio Mute mode. Refer to the “Truth Table”
on page 2 and “State Diagram” on page 2.
The C1 pin and C0 pin are internally pulled low through
4MΩ resistors to ground and can be tri-stated or left
floating.
The C1 pin and C0 pin can be driven with a voltage that
is higher than the VDD supply voltage. They can be
driven up to 5.25V with the VDD supply in the range of
2.7V to 4.6V. Driving the logic higher than the supply rail
will cause the logic current to increase. With VDD = 2.7V
and VLOGIC = 5.25V, ILOGIC current is approximately
5.5µA.
Logic Control Voltage Levels
With VDD in the range of 2.7V to 3.6V the logic levels
are: C1, C0 = Logic “0” (Low) when 0.5V or Floating.
C1, C0 = Logic “1” (High) when 1.4V
ALL SWITCHES OFF Mode
If the C1 pin = Logic “0” and C0 pin = Logic “0” the part
will be in the ALL SWITCHES OFF mode. In this mode,
the 2D- and 2D+ USB switches, the L and R audio
switches and the 1D- and 1D+ USB switches will be OFF
(high impedance).
The 1kΩ shunts on the COM side will be disconnected
(OFF).
It is recommended that when transitioning from USB1
to USB2 or from USB2 to USB1 that you always pass
through the All Switches OFF state.
Audio Mode
If the C1 pin = Logic “1” and C0 pin = Logic “1”, the part
will be in the Audio mode. In Audio mode, the L (left) and
R (right) 2.3Ω audio switches are ON, the 1D- and 1D+
6.2Ω USB switches and 2D- and 2D+ 6.2Ω USB switches
will be OFF (high impedance).
The 1kΩ shunts on the COM side of the switch will be
disconnected (OFF).
When a headphone is plugged into the common
connector, the µcontroller will drive the C1 and C0 logic
pins “High” putting the part in the audio mode. In the
Audio mode, the audio drivers of the player can drive the
headphones and play music.
USB1 Mode
If the C1 pin = Logic “0” and C0 pin = Logic “1” the part
will go into USB1 mode. In USB1 mode, the 1D- and 1D+
6.2Ω switches are ON and the L and R 2.3Ω audio
switches and 2D- and 2D+ 6.2Ω USB switches will be
OFF (high impedance).
The 1kΩ COM shunt resistors will be disconnected (OFF).
When a USB cable from a computer or USB hub is
connected at the common connector, the
μcontroller will
route the incoming USB signal to USB transceiver section
#1 by taking the C1 pin “Low” and the C0 pin “High”
putting the ISL54214 part into the USB1 mode. In USB1
mode the computer or USB hub transceiver and the MP3
player or cellphone USB transceiver #1 are connected
and digital data will be able to be transmit back and
forth.
USB2 Mode
If the C1 = Logic “1” and C0 pin = Logic “0” the part will
be in the USB2 mode provided that the last state was not
the Audio or Audio Mute state. In the USB2 mode, the
2D- and 2D+ 6.2Ω USB switches will be ON and audio
switches and the 1D- and 1D+ USB switches will be OFF
(high impedance).
The 1kΩ COM shunt resistors will be disconnected (OFF).
When a USB cable from a computer or USB hub is
connected at the common connector, the
μcontroller will
route the incoming USB signal to USB transceiver section
#2 by taking the C1 pin “High” and the C0 pin “Low”
putting the ISL54214 part into the USB2 mode. In USB2
ISL54214


유사한 부품 번호 - ISL54214IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214IRTZ-T INTERSIL-ISL54214IRTZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54214IRTZ-T RENESAS-ISL54214IRTZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
More results

유사한 설명 - ISL54214IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com