전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54209IRUZ-T 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL54209IRUZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54209IRUZ-T 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL54209IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6627.4
June 10, 2010
Typical Application Block Diagrams
FIGURE 8. LOGIC CONTROL VIA MICRO-PROCESSOR
FIGURE 9. LOGIC CONTROL VIA VBUS VOLTAGE FROM COMPUTER OR USB HUB
50kΩ
ISL54209
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
IN
GND
D-
D+
R
L
VDD
CTRL
LOGIC CONTROL
µCONTROLLER
4MΩ
CODEC
VBUS
3.3V
50kΩ
4MΩ
ISL54209
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
IN
GND
D-
D+
R
L
VDD
CTRL
LOGIC CONTROL
µCONTROLLER
4MΩ
CODEC
VBUS
3.3V
50kΩ
50kΩ
4MΩ
500kΩ
ISL54209


유사한 부품 번호 - ISL54209IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54209IRUZ-T RENESAS-ISL54209IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

유사한 설명 - ISL54209IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
660Kb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com