전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28448FVZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28448FVZ
상세설명  4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28448FVZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28448FVZ Datasheet HTML 1Page - Intersil Corporation ISL28448FVZ Datasheet HTML 2Page - Intersil Corporation ISL28448FVZ Datasheet HTML 3Page - Intersil Corporation ISL28448FVZ Datasheet HTML 4Page - Intersil Corporation ISL28448FVZ Datasheet HTML 5Page - Intersil Corporation ISL28448FVZ Datasheet HTML 6Page - Intersil Corporation ISL28448FVZ Datasheet HTML 7Page - Intersil Corporation ISL28448FVZ Datasheet HTML 8Page - Intersil Corporation ISL28448FVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6337.2
March 13, 2008
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open
FIGURE 1. GAIN vs FREQUENCY vs FEEDBACK RESISTOR
VALUES Rf/Rg
FIGURE 2. GAIN vs FREQUENCY vs VOUT, RL = 1k
FIGURE 3. GAIN vs FREQUENCY vs VOUT, RL = 10k
FIGURE 4. GAIN vs FREQUENCY vs VOUT, RL = 100k
FIGURE 5. GAIN vs FREQUENCY vs RL
FIGURE 6. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
-15
-10
-5
0
5
10
15
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +2
VOUT = 10mVP-P
CL = 16.3pF
Rf = Rg = 100k
Rf = Rg = 1k
Rf = Rg = 10k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT = 100mV
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
VOUT = 50mV
VOUT = 10mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
CL = 16.3pF
VOUT = 100mV
VOUT = 50mV
VOUT = 10mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
RL = 100k
AV = +1
CL = 16.3pF
VOUT = 100mV
VOUT = 50mV
VOUT = 10mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
VOUT = 10mVP-P
AV = +1
CL = 16.3pF
RL = 100k
RL = 10k
RL = 1k
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
100
AV = 1001
AV = 101
AV = 10
AV = 1
V+ = 5V
VOUT = 10mVP-P
CL = 16.3pF
RL = 10k
AV = 1, Rg = INF, Rf = 0
AV = 10, Rg = 1k, Rf = 9.09k
AV = 101, Rg = 1k, Rf = 100k
AV = 1001, Rg = 1k, Rf = 1M
ISL28148, ISL28248, ISL28448


유사한 부품 번호 - ISL28448FVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational
ISL28407 INTERSIL-ISL28407 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28407 INTERSIL-ISL28407 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28407 INTERSIL-ISL28407 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

유사한 설명 - ISL28448FVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com