전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54213 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL54213
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL54213 Datasheet HTML 1Page - Intersil Corporation ISL54213 Datasheet HTML 2Page - Intersil Corporation ISL54213 Datasheet HTML 3Page - Intersil Corporation ISL54213 Datasheet HTML 4Page - Intersil Corporation ISL54213 Datasheet HTML 5Page - Intersil Corporation ISL54213 Datasheet HTML 6Page - Intersil Corporation ISL54213 Datasheet HTML 7Page - Intersil Corporation ISL54213 Datasheet HTML 8Page - Intersil Corporation ISL54213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6663.0
ISL54213
MP3/USB 2.0 High Speed Switch with
Negative Signal Handling and Mute
Function
The Intersil ISL54213 dual SPDT (Single Pole/Double Throw)
switch combines low distortion audio and accurate USB 2.0
high speed data (480Mbps) signal switching in the same low
voltage device. When operated with a 2.5V to 5.0V single
supply, this analog switch allows audio signal swings below
ground, allowing the use of a common USB and audio
headphone connector in Personal Media Players and other
portable battery-powered devices.
The ISL54213 logic control pins are 1.8V compatible, which
allows for control via a standard µcontroller.
The part has an audio enable control pin to open all switches
and put the part in a mute state. It’s high off-isolation
(95dB @ 100kHz) provides superior muting of audio signals.
The ISL54213 is available in a small 10 Ld 2.1mmx1.6mm
ultra-thin µTQFN package and a 10 Ld 3mmx3mm TDFN
package. It operates over a temperature range of -40°C to
+85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Mute Function
• Low Distortion Headphone Audio Signals
- THD+N at 1mW into 32
Ω Load . . . . . . . . . . . . <0.013%
• Crosstalk (100kHz) . . . . . . . . . . . . . . . . . . . . . . . . . -95dB
• OFF-isolation (100kHz) . . . . . . . . . . . . . . . . . . . . . . 95dB
• Single Supply Operation (VDD) . . . . . . . . . . . . 2.5V to 5.0V
• -3dB Bandwidth USB Switch . . . . . . . . . . . . . . . . . 736MHz
• Available in µTQFN and TDFN Packages
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
• Pb-Free (RoHS Compliant)
Applications
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDAs
• Audio/USB Switching
Application Block Diagram
ISL54213
USB
TRANSCEIVER
AUDIO
COM -
COM +
IN
GND
D-
D+
R
L
VDD
CTRL
LOGIC CONTROL
µCONTROLLER
4M
Ω
CODEC
VBUS
3.3V
50k
Ω
50k
Ω
4M
Ω
Data Sheet
March 26, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL54213

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54213 INTERSIL-ISL54213 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRTZ RENESAS-ISL54213IRTZ Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRTZ-T RENESAS-ISL54213IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRUZ-T RENESAS-ISL54213IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
More results

유사한 설명 - ISL54213

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com