전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22444TFV20Z 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL22444TFV20Z
상세설명  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444TFV20Z 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL22444TFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 10Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 11Page - Intersil Corporation ISL22444TFV20Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6426.0
May 24, 2007
DCP Macro Model
Timing Diagrams
Input Timing
Output Timing
XDCP Timing (for All Load Instructions)
10pF
RH
RTOTAL
CH
25pF
CW
CL
10pF
RW
RL
...
CS
SCK
SDI
SDO
MSB
LSB
HIGH IMPEDANCE
tLEAD
tH
tSU
tFI
tCS
tLAG
tCYC
tWL
...
tRI
tWH
...
CS
SCK
SDO
SDI
ADDR
MSB
LSB
tDIS
tHO
tV
...
tSO
...
CS
SCK
SDI
MSB
LSB
VW
tWRT
...
SDO
HIGH IMPEDANCE
ISL22444


유사한 부품 번호 - ISL22444TFV20Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL22444TFV20Z RENESAS-ISL22444TFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

유사한 설명 - ISL22444TFV20Z

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com