전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22444TFR20Z 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL22444TFR20Z
상세설명  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444TFR20Z 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL22444TFR20Z Datasheet HTML 1Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 2Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 3Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 4Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 5Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 6Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 7Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 8Page - Intersil Corporation ISL22444TFR20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6426.0
May 24, 2007
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to 0.3V
Voltage at any DCP pin with Respect to GND . . . . . . . . . . V- to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A @ +125°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400V
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
20 Lead TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
20 Lead QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full Industrial) . . . . . . . . . . . . -40°C to +125°C
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.25V to -5.5V
Max Wiper Current Iw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
RTOTAL
RHi to RLi resistance
W option
10
k
Ω
U option
50
k
Ω
T option
100
k
Ω
RHi to RLi resistance tolerance
-20
+20
%
End-to-End Temperature Coefficient
W option
±85
ppm/°C
U, T option
±45
ppm/°C
VRH, VRL
DCP terminal voltage
VRHi and VRLi to GND
V-
VCC
V
RW
Wiper resistance
RH - floating, VRL = V-, force Iw current to
the wiper, IW = (VCC - VRL)/RTOTAL
70
250
Ω
CH/CL/CW
(Note 20)
Potentiometer capacitance
See “DCP Macro Model” on page 8.
10/10/25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from V- to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RLi; VCC @ RHi; measured at RWi, unloaded)
INL
(Note 9)
Integral non-linearity
W option
-1.5
±0.5
1.5
LSB
(Note 5)
U, T option
-1.0
±0.2
1.0
LSB
(Note 5)
DNL
(Note 8)
Differential non-linearity
Monotonic over all tap positions,
W option
-1.0
±0.4
1.0
LSB
(Note 5)
U, T option
-0.5
±0.15
0.5
LSB
(Note 5)
ZSerror
(Note 6)
Zero-scale error
W option
0
1
5
LSB
(Note 5)
U, T option
0
0.5
2
FSerror
(Note 7)
Full-scale error
W option
-5
-1
0
LSB
(Note 5)
U, T option
-2
-1
0
VMATCH
(Note 10)
DCP to DCP matching
Wipers at the same tap position, the same
voltage at all RH terminals and the same
voltage at all RL terminals
-2
2
LSB
(Note 5)
TCV
(Note 11, 20)
Ratiometric temperature coefficient
DCP register set to 80 hex
±4
ppm/°C
ISL22444


유사한 부품 번호 - ISL22444TFR20Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL22444TFR20Z RENESAS-ISL22444TFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

유사한 설명 - ISL22444TFR20Z

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com