전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1221 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL1221
상세설명  Low Power RTC with Battery Backed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1221 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL1221 Datasheet HTML 1Page - Intersil Corporation ISL1221 Datasheet HTML 2Page - Intersil Corporation ISL1221 Datasheet HTML 3Page - Intersil Corporation ISL1221 Datasheet HTML 4Page - Intersil Corporation ISL1221 Datasheet HTML 5Page - Intersil Corporation ISL1221 Datasheet HTML 6Page - Intersil Corporation ISL1221 Datasheet HTML 7Page - Intersil Corporation ISL1221 Datasheet HTML 8Page - Intersil Corporation ISL1221 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN6316.0
June 22, 2006
Power-Down Timing Test Conditions: V
DD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
VDD SR-
VDD Negative Slew rate
10
V/ms
4
I2C Interface Specifications
Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x
VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x
VDD
VDD +
0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x
VDD
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD = 5V, IOL = 3mA
0.4
V
Cpin
SDA and SCL Pin Capacitance
TA = 25°C, f = 1MHz, VDD =5V,
VIN =0V, VOUT =0V
10
pF
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec
is suppressed.
50
ns
tAA
SCL falLing Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD,
until SDA exits the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing 70%
of VDD during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30%
of VDD to SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30% of
VDD to SDA entering the 30% to 70%
of VDD window.
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of
VDD, until SDA enters the 30% to 70%
of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD.
20 +
0.1 x Cb
300
ns
7
ISL1221


유사한 부품 번호 - ISL1221

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL1221 INTERSIL-ISL1221 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221IUZ RENESAS-ISL1221IUZ Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221IUZ-T RENESAS-ISL1221IUZ-T Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

유사한 설명 - ISL1221

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com